Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 108Page - Renesas Technology Corp 7480 Datasheet HTML 109Page - Renesas Technology Corp 7480 Datasheet HTML 110Page - Renesas Technology Corp 7480 Datasheet HTML 111Page - Renesas Technology Corp 7480 Datasheet HTML 112Page - Renesas Technology Corp 7480 Datasheet HTML 113Page - Renesas Technology Corp 7480 Datasheet HTML 114Page - Renesas Technology Corp 7480 Datasheet HTML 115Page - Renesas Technology Corp 7480 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-95
HARDWARE
1.13 Timer 1 and Timer 2
1.13 Timer 1 and Timer 2
The 7480 Group and 7481 Group have two 8-bit timers with 8-bit latches:
• Timer 1
• Timer 2
Timer 1 or timer 2 can select the following operation modes by the timer 1 or 2 operation mode bit of the
timer 1 mode register (address 00F916) or the timer 2 mode register (address 00FA16):
• Timer mode
• Programmable waveform generation mode
For details, refer to the section of each mode.
1.13.1 Block Diagram
Figure 1.13.1 shows the block diagram of timer 1 and timer 2.
Figure 1.13.1 Block Diagram of Timer 1 and Timer 2
1.13.2 Registers Associated with Timer 1 and Timer 2
Figure 1.13.2 shows the memory map of the registers associated with timer 1 and timer 2.
Figure 1.13.2 Memory Map of Registers Associated with Timer 1 and Timer 2
00F416
00F516
00F916
00FA16
Timer 1 (T1)
Timer 2 (T2)
Timer 1 mode register (T1M)
Timer 2 mode register (T2M)
f(XIN)/64
f(XIN)/8
f(XIN)/128
TL
f(XIN)/256
T0, T1 output
T
D
Q
Timer mode register
8
8
8
8
T
Timer stop
control bit
Timer count source
selection bits
Timer interrupt
request bit
Output level
latch
Data bus
Data bus
‘00’
‘01’
‘10’
‘11’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com