Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 105Page - Renesas Technology Corp 7480 Datasheet HTML 106Page - Renesas Technology Corp 7480 Datasheet HTML 107Page - Renesas Technology Corp 7480 Datasheet HTML 108Page - Renesas Technology Corp 7480 Datasheet HTML 109Page - Renesas Technology Corp 7480 Datasheet HTML 110Page - Renesas Technology Corp 7480 Datasheet HTML 111Page - Renesas Technology Corp 7480 Datasheet HTML 112Page - Renesas Technology Corp 7480 Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-92
1.12 Timer X and Timer Y
HARDWARE
1.12.11 Notes on Usage
Pay attention to the following notes when timer X or Y is used.
(1)
In All Modes
Write to and Read from Timers
Write to and read from each timer two bytes together in the following order:
• Write: Œ low-order byte
→  high-order byte
• Read: Œ high-order byte
→  low-order byte
When a read from and a write into the same timer are executed during an interrupt service routine
etc., the normal operation cannot be performed.
In the pulse period measurement mode and the pulse width measurement mode, do not write to
timers.
Writes to Timers
When the timer X or Y write control bit is ‘0’:
• A write to an operating timer causes the contents of the timer to be affected, so that the time from
the last underflow until the next underflow is undefined in this case.
• A write to the low-order byte of an operating timer allows the timer to continue counting down until
the next write to the high-order byte. Therefore, the time until the subsequent underflow may be
undefined.
Figure 1.12.27 shows an operation in timer X or timer Y at writes.
Count source
• Example: Writing ‘020016’ into timer
Undefined value
Undefined value
0016
FF16
FE16
FD16
0216
‘0016’ is written to the
low-order of timer
‘0216’ is written to the
high-order of timer
Contents of timer (low-order)
Contents of timer (high-order)
Note: In this case, the write control bit is ‘0’.
Figure 1.12.27 Operation in Timer X or Timer Y at Writes
When the timer X or Y write control bit is ‘1’:
• A write to a stopped timer causes the contents of the timer not to be affected and allows the timer
to count down from the value prior to this write. Therefore, the time from the start of count down
until the first underflow is undefined.
• If a write and an underflow occur at approximately the same time in an operating timer, the reloaded
value may be undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com