| Electronic Components Datasheet Search |
|
7480 Datasheet(PDF) 107 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7480 Datasheet(HTML) 107 Page - Renesas Technology Corp |
|
107 / 337 page ![]() 7480 Group and 7481 Group User's Manual 1-90 1.12 Timer X and Timer Y HARDWARE (2) Setting of PWM Mode Figures 1.12.25 and 1.12.26 show the setting of the PWM mode. Figure 1.12.25 Setting of PWM Mode (1) Timer X count stop (when timer X is used) Timer Y count stop (when timer Y is used) Procedure 1 Stop of timer count Timer XY control register (TXYCON) [Address 00F816] b7 b0 11 PWM mode (Note 3) Timer X write control 0: Writing to latch and timer simultaneously 1: Writing to only latch Procedure 3 Setting timer mode register Timer X mode register (TXM) [Address 00F616] b7 b0 • when timer X is used Timer X count source selection 00: f(XIN)/2 01: f(XIN)/8 10: f(XIN)/16 11: Not available 0 PWM mode (Note 3) Timer Y write control 0: Writing to latch and timer simultaneously 1: Writing to only latch Timer Y mode register (TYM) [Address 00F716] b7 b0 • when timer Y is used Timer Y count source selection 00: f(XIN)/2 01: f(XIN)/8 10: f(XIN)/16 11: Not available 0 1 1 1 1 b2 b3 : ‘Not implemented’. Notes 1: Pay attention to the output level of CNTR pin. 2: In the 7480 Group, these bits are not implemented. Port P40 output mode (when timer X is used) Port P41 output mode (when timer Y is used) Port P4 direction register (P4D) [Address 00C916] b7 b0 Procedure 2 Setting CNTR pin output (Setting the port pin which has the alternative function of CNTR pin to output mode) (Note 1) 1 (Note 2) 1 Notes 3: When setting operation mode, CNTR pin output is initialized to HIGH. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |