| Electronic Components Datasheet Search |
|
7480 Datasheet(PDF) 110 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7480 Datasheet(HTML) 110 Page - Renesas Technology Corp |
|
110 / 337 page ![]() 7480 Group and 7481 Group User's Manual 1-93 1.12 Timer X and Timer Y HARDWARE Reads from Timers • When the high-order byte of an operating timer is read, the low-order byte is set in the latch for reading. Therefore, the read value of the low-order byte retains the value at the time the high-order byte is being read. • In the count operation, the contents of each timer are decremented by 1 at every rising edge of the count source, while the contents of each timer are transferred to the latch for reading by falling edge, so that the read value of the timer may be different from its real value. Figure 1.12.28 shows an operation in timer X or timer Y at reads. Figure 1.12.28 Operation in Timer X or Timer Y at Reads (2) In Event Count Mode The inverted signal of input to a CNTR pin is used as the count source when a CNTR edge selection bit of the edge polarity selection register is ‘1’. Keep the frequency of the CNTR pin input used as the count source f(XIN)/4 or less. (3) In Pulse Output Mode When the timer X or Y write control bit is ‘0’, the CNTR pin output is initialized to the following levels by a write to the timer: • HIGH when the CNTR edge selection bit is ‘0’. • LOW when the CNTR edge selection bit is ‘1’. When the timer X or Y write control bit, however, is ‘1’, the CNTR pin output level cannot be initialized by a write to the timer. The output level of a CNTR pin is inverted when the CNTR edge polarity selection bit is switched. (4) In Pulse Period Measurement Mode and Pulse Width Measurement Mode Do not write to timers in these modes; otherwise the last measured value in the timer latch will be changed by this write. When a timer is read, the read value is the contents of the timer latch (the last measured value). (5) In Programmable Waveform Generation Mode When the timer X or Y operation mode bits, which are set to other modes, are switched to the programmable waveform generation mode, the CNTR pin outputs are initialized to LOW. When the timer X or Y trigger selection bit is ‘1’, keep the trigger widths input to the INT pins 250ns or more. Count source High-order of timer is read (Read value: ‘0116’) In this case, the low-order read value ‘0116’ is written to latch for reading. Low-order of timer is read (Read value: ‘0116’) Contents of timer Read value of timer 010016 00FF16 00FE16 010116 010216 010016 00FF16 00FE16 00FD16 010116 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |