Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 115Page - Renesas Technology Corp 7480 Datasheet HTML 116Page - Renesas Technology Corp 7480 Datasheet HTML 117Page - Renesas Technology Corp 7480 Datasheet HTML 118Page - Renesas Technology Corp 7480 Datasheet HTML 119Page - Renesas Technology Corp 7480 Datasheet HTML 120Page - Renesas Technology Corp 7480 Datasheet HTML 121Page - Renesas Technology Corp 7480 Datasheet HTML 122Page - Renesas Technology Corp 7480 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-102
HARDWARE
1.13 Timer 1 and Timer 2
1.13.5 Programmable Waveform Generation Mode
(1)
Operations in Programmable Waveform Generation Mode
Operations in the programmable waveform generation mode is explained with Figure 1.13.9.
Count Sources
In the programmable waveform generation mode, timer 1 or timer 2 can select the following count
sources with the timer 1 or 2 count source selection bits:
• f(XIN)/8
• f(XIN)/64
• f(XIN)/128
• f(XIN)/256
Writes to and Reads from Timers
When ‘TL(0016 through FF16)’ is written to a timer, ‘TL’ is set in both the timer and the timer latch
(Œ in Figure 1.13.9).
Also, the contents of the timer can be read by a read operation.
Count Operation
• When the timer 1 or 2 stop control bit is cleared to ‘0’, the timer starts counting ( in Figure 1.13.9).
• When the timer 1 or 2 stop control bit is set to ‘1’, the timer stops counting (Ž in Figure 1.13.9).
In the count operation, the contents of each timer are decremented by 1 at every rising edge of the
count source ( in Figure 1.13.9).
Reloading timers
When a timer reaches ‘FF16’ in the count operation, an underflow occurs at the subsequent rising
edge of the count source, and the value decremented by 1 from the contents of the timer latch is
reloaded to the timer. ( in Figure 1.13.9).
Timer interrupt
At an underflow, the timer 1 or 2 interrupt request bit is set to ‘1’; then a timer interrupt request is
generated (‘ in Figure 1.13.9).
Generation of Programmable Waveform
When an underflow occurs in a timer, the contents of the output level latch are output from the
following pins (’ in Figure 1.13.9):
• T0 pin (Timer 1 used)
• T1 pin (Timer 2 used)
The output level of the T0 or T1 pin remains undefined until the first underflow occurs in this mode
(“ in Figure 1.13.9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com