Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 136Page - Renesas Technology Corp 7480 Datasheet HTML 137Page - Renesas Technology Corp 7480 Datasheet HTML 138Page - Renesas Technology Corp 7480 Datasheet HTML 139Page - Renesas Technology Corp 7480 Datasheet HTML 140Page - Renesas Technology Corp 7480 Datasheet HTML 141Page - Renesas Technology Corp 7480 Datasheet HTML 142Page - Renesas Technology Corp 7480 Datasheet HTML 143Page - Renesas Technology Corp 7480 Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-123
1.14 Serial I/O
HARDWARE
(5)
Notes on Usage of Clock Synchronous Serial I/O
Pay attention to the following notes when clock synchronous serial I/O is selected.
Selecting External Clock as Synchronous Clock
Perform the following operations while the SCLK pin input is HIGH during transmission:
• Write ‘1’ to the transmit enable bit
• Write transmit data to the transmit buffer register
The shift operations of the transmit shift register and the receive shift register are performed while
the synchronous clock is being input to the serial I/O circuit. Stop the synchronous clock with 8
cycles.
Keep the HIGH- and the LOW- width (TWH and TWL) of the pulses used as the external clock
source TWH, TWL [s]
≥ (8/f(XIN) [Hz]). For example, use a frequency of 500 kHz or less (50% duty
cycle) as the external clock source when f(XIN) = 8 MHz.
Set the transmit enable bit to ‘1’ as well as the receive enable bit and the SRDY output enable bit
of the serial I/O control register when the receiver outputs the SRDY signal.
Handling Recovering from Errors Generated
Handling when overrun error is generated
If the next data is stored completely word in the receive shift register before the data transferred
from the receive shift register to the receive buffer register is read through, the overrun error is
generated. At this time, the overrun error flag and the summing error flag of the serial I/O status
register are set to ‘1’. The contents of the receive shift register are not transferred to the receive
buffer register, so that the contents of the receive buffer register remain unaffected. As a result,
if the contents of the receive buffer register are read, the data of the receive shift register is not
transferred to the receive buffer register and becomes invalid.
When the overrun error occurs, clear the overrun error flag to ‘0’ by any of the following operations,
and perform receive preparation again.
• Clear the serial I/O enable bit of the serial I/O control register to ‘0’. (In this case, only the
overrun error flag returns to ‘0’.)
• Clear the receive enable bit of the serial I/O control register to ‘0’.
• Write dummy data into the serial I/O status register.
Referring to Transmit Shift Completion Flag
The transmit shift completion flag changes from ‘1’ to ‘0’ with a delay of 0.5 to 1.5 clocks of the
synchronous clock. Therefore, pay attention to this delay when data transmission is controlled, by
referring to the transmit shift completion flag after the transmit data is written to the transmit buffer
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com