Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 137Page - Renesas Technology Corp 7480 Datasheet HTML 138Page - Renesas Technology Corp 7480 Datasheet HTML 139Page - Renesas Technology Corp 7480 Datasheet HTML 140Page - Renesas Technology Corp 7480 Datasheet HTML 141Page - Renesas Technology Corp 7480 Datasheet HTML 142Page - Renesas Technology Corp 7480 Datasheet HTML 143Page - Renesas Technology Corp 7480 Datasheet HTML 144Page - Renesas Technology Corp 7480 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-124
1.14 Serial I/O
HARDWARE
Stopping Transmission/Reception of Clock Synchronous Serial I/O
In order to stop the transmit operation in half-duplex transmission, clear the transmit enable bit of
the serial I/O control register to ‘0’. As a result, the following stop and initialization of transmit
operation are performed:
• To stop and initialize the clock supplied to the transmit shift register
• To clear the transmit shift register (Only when ‘0’ is written to the transmit enable bit while the
SCLK pin input is HIGH, selecting an external clock as the synchronous clock.)
• To clear the transmit buffer empty flag and transmit shift completion flag
REASON: Neither stopping transmit operation nor initializing the transmitter circuit is performed
even when the serial I/O enable bit is cleared to ‘0’ (serial I/O disabled), and internal
transmit operation continues. (Because serial I/O pins TxD, RxD, SCLK, and SRDY
function as I/O port pins, transmit data cannot be output to the external.)
In order to stop the receive operation in half-duplex transmission, clear the receive enable bit or
the serial I/O enable bit of the serial I/O control register to ‘0’. As a result, the following stop and
initialization of the receive operation are performed:
• To stop and initialize the clock supplied to the receive shift register
• To clear the receive shift register
• To clear every error flag
• To clear the receive buffer full flag
In order to stop the transmit and receive operations in full-duplex transmission, clear both the
transmit enable bit and the receive enable bit of the serial I/O control register to ‘0’ at the same
time. (To stop only one of the transmit or receive operation cannot be done in the full-duplex
communication of clock synchronous serial I/O.)
REASON: In clock synchronous serial I/O, the same clock is used for transmission and reception.
Therefore, transmission and reception cannot be synchronized when either transmit or
receive operation is disabled, causing displacement of bit positions.
Re-setting Serial I/O Control Register
Re-set the serial I/O control register according to the following sequence:
Œ Clear both the transmit and receive enable bits of the serial I/O control register to ‘0’ to stop and
initialize transmit and receive operations.
 Set bits 0 to 3 and 6 of the serial I/O control register.
Ž Set the transmit enable bit or receive enable bit to ‘1’.
(Procedures  and Ž can be performed simultaneously with the LDM instruction.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com