Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 158Page - Renesas Technology Corp 7480 Datasheet HTML 159Page - Renesas Technology Corp 7480 Datasheet HTML 160Page - Renesas Technology Corp 7480 Datasheet HTML 161Page - Renesas Technology Corp 7480 Datasheet HTML 162Page - Renesas Technology Corp 7480 Datasheet HTML 163Page - Renesas Technology Corp 7480 Datasheet HTML 164Page - Renesas Technology Corp 7480 Datasheet HTML 165Page - Renesas Technology Corp 7480 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-145
HARDWARE
Figure 1.15.5 Change of A-D Conversion Register and Comparison Voltage during A-D Conversion
A-D conversion interrupt
When A-D conversion is completed, the A-D conversion completion interrupt request bit of interrupt request
register 1 is set to ‘1’; then an A-D conversion completion interrupt request is generated.
Reads from A-D conversion register
When A-D conversion is completed, the A-D conversion register is read to obtain the A-D conversion result.
The completion of A-D conversion can be acknowledged by any of the following conditions:
• The A-D conversion completion bit is ‘1’.
• The A-D conversion completion interrupt request bit is ‘1’.
• The branch to A-D conversion completion interrupt service routine occurs (when A-D conversion completion
interrupt enabled).
Note: Do not read from the A-D conversion register during A-D conversion operation.
A-D conversion time
A-D conversion ends in 50 cycles after its start. Because the A-D converter uses the clock input divided
by 2, f(XIN)/2, as the operating clock, A-D conversion time is fundamentally obtained by the following
formula:
A-D conversion time =
× conversion cycles (50 cycles)
(12.5
µs at f(XIN) = 8 MHz)
1.15 A-D Converter
1 0000 0 0 0
12
10 0 0 0 0
1 000 0 0 0
1
12 3 4 5 6 7
1
VREF
2
VREF
512
VREF
2
VREF
4
VREF
512
VREF
2
VREF
4
VREF
8
VREF
512
00 0 0 0 0 0 0
0
m
12 3 45 6 7 8
VREF
2
VREF
4
VREF
8
VREF
512
VREF
256
.......
m
.....
The contents of A-D conversion register
At A-D conversion start
At the first comparison start
At the second comparison start
At the third comparison start
At the eighth comparison start
At A-D conversion completed
(at the eighth conversion completed)
The digital value corresponding to
analog input voltage
: The determined value obtained by the m-th (m=1 to 8) comparison result
Comparison voltage (Vref) [V]
–
±
±
±
±
±
±
–
–
–
2
f(XIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com