Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 159Page - Renesas Technology Corp 7480 Datasheet HTML 160Page - Renesas Technology Corp 7480 Datasheet HTML 161Page - Renesas Technology Corp 7480 Datasheet HTML 162Page - Renesas Technology Corp 7480 Datasheet HTML 163Page - Renesas Technology Corp 7480 Datasheet HTML 164Page - Renesas Technology Corp 7480 Datasheet HTML 165Page - Renesas Technology Corp 7480 Datasheet HTML 166Page - Renesas Technology Corp 7480 Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-146
HARDWARE
1.15.4 Setting of A-D Conversion
Figure 1.15.6 shows the setting of A-D conversion.
Figure 1.15.6 Setting of A-D Conversion
1.15 A-D Converter
b7
b0
0
b7
b0
0
b7
b0
1
b7
b0
0
Analog input pin selection
000: P20/IN0
001: P21/IN1
010: P22/IN2
011: P23/IN3
100: P24/IN4
101: P25/IN5
110: P26/IN6
111: P27/IN7
b7
b0
1
(Note 1)
Notes 1: Do not set these bits in the 7480 Group.
2: Start A-D conversion after the following:
Œ the ladder resistor is connected to VREF pin
 VREF stabilization time elapses 1.0
µs or more.
Procedure 1 Disabling acceptance of A-D conversion completion interrupt
There is no A-D conversion completion interrupt request.
Interrupt request register 1 (IREQ1) [Address 00FC16]
Procedure 2 Setting A-D control register
Interrupt control register 1 (ICON1) [Address 00FE16]
A-D conversion completion interrupt acceptance disabled
A-D control register (ADCON) [Address 00D916]
VREF and ladder resistor connected
Procedure 3 Setting A-D conversion completion interrupt request bit to ‘0’
A-D conversion completion interrupt acceptance enabled
Interrupt control register 1 (ICON1) [Address 00FE16]
Procedure 4 Enabling acceptance of interrupt when A-D conversion interrupt is used
A-D conversion start
A-D control register (ADCON) [Address 00D916]
Procedure 5 Start of A-D conversion (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com