Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 181 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 177Page - Renesas Technology Corp 7480 Datasheet HTML 178Page - Renesas Technology Corp 7480 Datasheet HTML 179Page - Renesas Technology Corp 7480 Datasheet HTML 180Page - Renesas Technology Corp 7480 Datasheet HTML 181Page - Renesas Technology Corp 7480 Datasheet HTML 182Page - Renesas Technology Corp 7480 Datasheet HTML 183Page - Renesas Technology Corp 7480 Datasheet HTML 184Page - Renesas Technology Corp 7480 Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-164
1.19 Power Saving Function
HARDWARE
1.19.1 Registers Associated with Power Saving
Figure 1.19.2 shows the memory map of the registers associated with power saving.
Figure 1.19.2 Memory Map of Registers Associated with Power Saving
(1)
STP Instruction Operation Control Register
The STP instruction operation control register has only one bit that selects the valid/invalid of the
STP and the WIT instruction.
Figure 1.19.3 shows the STP instruction operation control register.
Figure 1.19.3 STP Instruction Operation Control Register
00D416
00DE16
Edge polarity selection register (EG)
STP instruction operation control register (STPCON)
STP instruction operation control register
b5
b6
b7
b4 b3 b2 b1 b0
b
Function
At reset
1
2
3
4
5
6
7
0
1
STP instruction operation control register (STPCON) [Address 00DE16]
0
0
0
0
0
0
0
STP and WIT valid/invalid
selection bit (Note)
Name
0 : STP/WIT instruction valid
1 : STP/WIT instruction invalid
Not implemented.
Writing to these bits is disabled.
These bits are ‘0’ at reading.
Note: The STP and WIT instructions are invalid after the system is released from reset. When
using these instructions, set STP and WIT valid/invalid selection bit of the STP instruction
operation control register to ‘1’, then set this bit to ‘0’. (Writing twice successively)
When not using the STP and WIT instructions, set this bit to ‘1’ either once or twice.
00 000 00
O
0
0
0
0
0
0
0
RW
O
×
×
×
×
×
×
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com