Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 196 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 192Page - Renesas Technology Corp 7480 Datasheet HTML 193Page - Renesas Technology Corp 7480 Datasheet HTML 194Page - Renesas Technology Corp 7480 Datasheet HTML 195Page - Renesas Technology Corp 7480 Datasheet HTML 196Page - Renesas Technology Corp 7480 Datasheet HTML 197Page - Renesas Technology Corp 7480 Datasheet HTML 198Page - Renesas Technology Corp 7480 Datasheet HTML 199Page - Renesas Technology Corp 7480 Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-179
HARDWARE
1.20 Built-in PROM Version
(3)
Built-in EPROM Version
The built-in EPROM version can be used for program development only. Use them only for program
development and implementation evaluation.
Sunlight and fluorescent light include light that may erase the information programmed in the built-
in PROM. When using the EPROM version in the read mode, be sure to cover the transparent glass
portion with a seal.
This seal to cover the transparent glass portion is prepared by Mitsubishi. Be careful not to bring
the seal into contact with the microcomputer lead wires when covering the portion with the seal
because this seal is made of metal (aluminum).
Before erasing data, clean the transparent glass. If any finger stain or seal adhesive is stuck to the
transparent glass, this prevents ultraviolet rays from passing, thereby affecting the erase characteristic
adversely.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com