Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 197Page - Renesas Technology Corp 7480 Datasheet HTML 198Page - Renesas Technology Corp 7480 Datasheet HTML 199Page - Renesas Technology Corp 7480 Datasheet HTML 200Page - Renesas Technology Corp 7480 Datasheet HTML 201Page - Renesas Technology Corp 7480 Datasheet HTML 202Page - Renesas Technology Corp 7480 Datasheet HTML 203Page - Renesas Technology Corp 7480 Datasheet HTML 204Page - Renesas Technology Corp 7480 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-184
HARDWARE
1.21 Electrical Characteristics
Symbol
–
–
TCONV
VVREF
RLADDER
VIA
IVREF
Parameter
Resolution
Absolute accuracy
(except quantification error)
Conversion time
Reference voltage
Ladder resistor
Analog input voltage
Reference power input current
Unit
bits
LSB
µs
µs
V
V
k
Ω
V
µA
Test conditions
VCC = VREF = 5.0 V
VCC = 2.7V to 4.5V, f(XIN) = 4MHZ
VCC = 4.5V to 5.5V, f(XIN) = 8MHZ
VCC = 2.7 V to 4.0V
VCC = 4.0 V to 5.5 V
VREF = 5.0 V
Max.
8
±2
25
12.5
VCC
VCC
100
VREF
416
Typ.
35
143
Min.
2
0.5 VCC
12
0
50
Note: VCC = 2.7 V to 5.5 V, VSS = 0 V, and Ta = –20
°C to 85°C (Ta = –40 °C to 85°C for extended
operating temperature range version), unless otherwise noted.
Limits
Table 1.21.6 A-D Conversion Characteristics of 7480 Group (Note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com