Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 207 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 207 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 203Page - Renesas Technology Corp 7480 Datasheet HTML 204Page - Renesas Technology Corp 7480 Datasheet HTML 205Page - Renesas Technology Corp 7480 Datasheet HTML 206Page - Renesas Technology Corp 7480 Datasheet HTML 207Page - Renesas Technology Corp 7480 Datasheet HTML 208Page - Renesas Technology Corp 7480 Datasheet HTML 209Page - Renesas Technology Corp 7480 Datasheet HTML 210Page - Renesas Technology Corp 7480 Datasheet HTML 211Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-190
HARDWARE
1.21 Electrical Characteristics
1.21.2 Necessary Conditions for Timing and Switching Characteristics
Table 1.21.13 lists the necessary conditions for timing and the switching characteristics of the 7480 Group
and 7481 Group, and Figure 1.21.1 shows the timing diagram.
Table 1.21.13 Necessary Conditions for Timing and Switching Characteristics (Note)
0.2VCC
0.2VCC
0.2VCC
0.2VCC
0.8VCC
0.8VCC
0.8VCC
0.8VCC
0.8VCC
tc(SCLK)
tWL(SCLK)
tWH(SCLK)
td(SCLK-TXD)
RXD
SCLK
TXD
tsu(RXD-SCLK)th(SCLK-RXD)
Figure 1.21.1 Timing Diagram
1.21.3 Typical Characteristics of Power Source Current
The typical characteristics of the power source current
described in this section are based on a limited
number of samples in the 7480 Group and 7481
Group. ‘Typical values’ are not guaranteed.
For the limits, refer to section 1.21.1 Electrical
Characteristics.
Figure 1.21.2 shows a measurement circuit of typical
power source current characteristics.
ICC
A
7480 Group
7481 Group
VCC
VSS
0 to 5.5V
XOUT
XIN
Figure 1.21.2 Measurement Circuit of Typical Power
Source Current Characteristics
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
Max.
100
Min.
2000
880
880
160
80
500
220
220
Typ.
Note: Values at VCC = 4.5 V to 5.5 V, VSS = 0 V, Ta = –40
°C to 85°C, and f(XIN) = 8 MHz
Limits
Symbol
tC(SCLK)
tWH(SCLK)
tWL(SCLK)
tSU(RxD–SCLK)
th(SCLK–RxD)
td(SCLK–TxD)
tC(SCLK)
tWH(SCLK)
tWL(SCLK)
Parameter
Serial I/O clock input cycle time
Serial I/O clock input HIGH pulse width
Serial I/O clock input LOW pulse width
Serial I/O input set-up time
Serial I/O input hold time
Serial I/O output delay time
Serial I/O clock input cycle time
Serial I/O clock input HIGH pulse width
Serial I/O clock input LOW pulse width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com