Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 219 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 219 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 215Page - Renesas Technology Corp 7480 Datasheet HTML 216Page - Renesas Technology Corp 7480 Datasheet HTML 217Page - Renesas Technology Corp 7480 Datasheet HTML 218Page - Renesas Technology Corp 7480 Datasheet HTML 219Page - Renesas Technology Corp 7480 Datasheet HTML 220Page - Renesas Technology Corp 7480 Datasheet HTML 221Page - Renesas Technology Corp 7480 Datasheet HTML 222Page - Renesas Technology Corp 7480 Datasheet HTML 223Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 337 page
background image
7480 Group and 7481 Group User's Manual
2-4
APPLICATIONS
2.2 Timer X and Timer Y
2.2.1 Application Example of Timer Mode
Generation of period of 100 ms (100-ms Periodic Processing)
POINT: The clock is divided by timer X, and the CPU performs periodic processing with a timer X
interrupt service routine generated every 100 ms.
SPECIFICATIONS:
Clock: f(XIN) = 8 MHz
A timer X interrupt is generated every 100 ms using the timer mode of timer X.
Periodic processing is performed every 100 ms with timer X interrupt service
routine.
Figure 2.2.1 shows a setting example of the division ratio.
Figure 2.2.2 shows a control procedure example of 100-ms processing.
2.2 Timer X and Timer Y
Figure 2.2.1 Setting Example of Division Ratio
f(XIN) = 8 MHz
Fixed division ratio
100 ms
1/16
1/50000
Timer X
100-ms periodic processing with
timer X interrupt service routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com