Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 242 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 238Page - Renesas Technology Corp 7480 Datasheet HTML 239Page - Renesas Technology Corp 7480 Datasheet HTML 240Page - Renesas Technology Corp 7480 Datasheet HTML 241Page - Renesas Technology Corp 7480 Datasheet HTML 242Page - Renesas Technology Corp 7480 Datasheet HTML 243Page - Renesas Technology Corp 7480 Datasheet HTML 244Page - Renesas Technology Corp 7480 Datasheet HTML 245Page - Renesas Technology Corp 7480 Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 337 page
background image
7480 Group and 7481 Group User's Manual
2-27
APPLICATIONS
2.3 Serial I/O
Figure 2.3.13 Control Procedure Example (1) of LAN Communications
Initialize
1
RESET(Note 1)
1
0 0
During transmitting
1
b7
b0
0
SEI
1
1
Serial I/O transmit interrupt enable bit
← 1
Serial I/O receive interrupt enable bit
← 1
CNTR0 interrupt enable bit
← 1
CLI
Transmit service routine
Y
Y
N
Transmit service routine
END
Receive service routine
END
Receive service routine
During receiving
N
Set serial I/O control register (Note 3)
SIOCON (Address 00E216)
BRG count source: f(XIN)/16
Synchronous clock:
BRG output divided by 4
Baud rate generator
← 0216 (Note 2)
Transmission requested ?
Transmit interrupt source:
Transmit enabled
Receive enabled
Clock synchronous serial I/O
Serial I/O enabled
SRDY output disabled
Transmission buffer register is empty.
Processing
Port P40 (alternative function of CNTR0 pin) is set to input.
Processing
During transmission or reception ?
CNTR0 edge selection bit
← 1
(Rising edge active)
Bus collision detection enable bit
← 1
When transmit is started
• Transmit data generated
(1 byte represented by 3 bytes)
• Bus arbitration interrupt request bit
← 0
• Bus arbitration interrupt enable bit
← 1
• CNTR0 interrupt enable bit
← 0
• SOF transmission (writing to transmit buffer register)
When EOD is output, waiting time is generated
(Note 3)
After EOD waiting time elapses, RSP code is received
(writing dummy data to transmit buffer register)
After receiving RSP code, EOF and IFS are output and
waiting time is generated (Note 3)
After EOF/IFS waiting time elapses
(when transmit completed)
• Bus arbitration interrupt enable bit
← 0
• CNTR0 interrupt request bit
← 0
• CNTR0 interrupt enable bit
← 1
Notes 1: State after system is released from reset
• Bus arbitration interrupt enable bit = 0
2: 0216 = 3–1
3: Waiting time is generated by timer 1.
4: Write ‘0016’ as dummy data to transmit buffer register.
After SOF receive is completed
• CNTR0 interrupt enable bit
← 0
When priority code to CRC code, and RSP code
are received
3-byte receive data is converted to 1-byte data.
Receive processing is completed after recognizing
that received target ID is not self ID.
When EOD is detected, EOD waiting time is
generated (Note 3)
When the correct reception is checked by CRC code
after EOD waiting time elapses, RSP code is
transmitted (writing to transmit buffer register)
After transmitting RSP code, EOF and IFS
waiting time is generated (Note 3)
After EOF/IFS wait time elapses
(when receive completed)
• CNTR0 interrupt request bit
← 0
• CNTR0 interrupt enable bit
← 1
Serial I/O transmit interrupt request bit
← 0
Serial I/O receive interrupt request bit
← 0
CNTR0 interrupt request bit
← 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com