Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 261 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 261 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 257Page - Renesas Technology Corp 7480 Datasheet HTML 258Page - Renesas Technology Corp 7480 Datasheet HTML 259Page - Renesas Technology Corp 7480 Datasheet HTML 260Page - Renesas Technology Corp 7480 Datasheet HTML 261Page - Renesas Technology Corp 7480 Datasheet HTML 262Page - Renesas Technology Corp 7480 Datasheet HTML 263Page - Renesas Technology Corp 7480 Datasheet HTML 264Page - Renesas Technology Corp 7480 Datasheet HTML 265Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 337 page
background image
7480 Group and 7481 Group User's Manual
2-46
APPLICATIONS
2.10 Differences between 7480 and 7481 Group, and 7477 and 7478 Group
The 7480 Group and 7481 Group have almost the same functions as the 7477 Group and 7478 Group.
However, take the following differences into consideration when using the former to replace the latter.
2.10.1 Functions Added to 7480 Group and 7481 Group
Table 2.10.1 lists the functions added to the 7480 Group and 7481 Group.
Table 2.10.1 Functions added to the 7480 Group and 7481 Group
2.10 Differences between 7480 and 7481 Group, and 7477 and 7478 Group
Added Function
Bus Arbitration
STP and WIT Instruction
Watchdog Timer
Built-in Clamping Diode
Description
• In serial I/O communication of the bus-contention system, the
level of the TxD pin is compared with that of the RxD pin.
When there is a mismatch, a bus arbitration interrupt is generated
to detect bus collision.
• The valid/invalid of the STP and WIT instructions is selectable
by writing 2 times to the STP instruction operation control register.
• Watchdog timer returns program to the reset state if a runaway
occurs.
• Each pin of ports P4 and P5 has a built-in clamping diode, by
which voltages VCC or more can be applied.
Note: In the 7480 Group, port P5 is not implemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com