Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 262 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 262 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 258Page - Renesas Technology Corp 7480 Datasheet HTML 259Page - Renesas Technology Corp 7480 Datasheet HTML 260Page - Renesas Technology Corp 7480 Datasheet HTML 261Page - Renesas Technology Corp 7480 Datasheet HTML 262Page - Renesas Technology Corp 7480 Datasheet HTML 263Page - Renesas Technology Corp 7480 Datasheet HTML 264Page - Renesas Technology Corp 7480 Datasheet HTML 265Page - Renesas Technology Corp 7480 Datasheet HTML 266Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 337 page
background image
7480 Group and 7481 Group User's Manual
2-47
APPLICATIONS
2.10.2 Functions Revised from 7477 Group and 7478 Group
The functions of 7480 Group and 7481 Group whose specifications are revised from those of the 7477
Group and 7478 Group are listed in Table 2.10.2.
Table 2.10.2 Functions Revised from 7477 Group and 7478 Group
RAM Sizes
Port P4
Port P5
CNTR Pins
Timer
Noise Margin
A-D Converter
Package
2.10 Differences between 7480 and 7481 Group, and 7477 and 478 Group
7477 Group and 7478 Group
M3747xM4 ..................................... 192 bytes
M3747xM8/E8 ............................... 384 bytes
• I/O port
• CMOS outputs
• In input mode, pull-up transistors
connectable.
• Input port
• Pull-up transistors connectable
• P50, P51 serve as input pins for clock
generator.
Note: The 7477 Group does not have port
P5.
CNTR0 and CNTR1 pins have the alternative
functions of P32 and P33.
Four 8-bit timers
VIL: 0.25 VCC (Max.)
VIH: 0.7 VCC (Min.)
No VREF-off circuit
The M37478Mx/E8-XXXFP and M37478MxT/
E8T-XXXFP packaged in 56P6N-A packages.
7480 Group and 7481 Group
M3748xM4 ........................................ 256 bytes
M3748xM8/E8 .................................. 448 bytes
• I/O port
• N-channel open-drain outputs
• Built-in clamping diodes
• In input mode, P40–P43, P50–P53 pins have
schmidt circuits.
Note: The 7480 Group does not have P42,
P43, and P50–P53 pins.
The 7480 Group and 7481 Group do
not have the clock generator for timers.
CNTR0 and CNTR1 pins have the alternative
functions of P40 and P41.
Two 8-bit timers
Two 16-bit timers
On port P3, P4, and P5 only.
VIL: 0.4 VCC (Max.)
VIH: 0.8 VCC (Min.)
(at VCC = 4.5 V to 5.5 V)
To connect/not to connect between VREF and
ladder resistors is selectable with a VREF-off
circuit.
The M37481Mx/E8-XXXFP and M37481MxT/
E8T-XXXFP are packaged in 44P6N-A
packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com