Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 267 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 267 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 263Page - Renesas Technology Corp 7480 Datasheet HTML 264Page - Renesas Technology Corp 7480 Datasheet HTML 265Page - Renesas Technology Corp 7480 Datasheet HTML 266Page - Renesas Technology Corp 7480 Datasheet HTML 267Page - Renesas Technology Corp 7480 Datasheet HTML 268Page - Renesas Technology Corp 7480 Datasheet HTML 269Page - Renesas Technology Corp 7480 Datasheet HTML 270Page - Renesas Technology Corp 7480 Datasheet HTML 271Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 337 page
background image
3-2
3.1 Control Registers
APPENDICES
7480 Group and 7481 Group User's Manual
3.1 Control Registers
Figure 3.1.1 Port Pi Registers (i = 0 to 5)
Figure 3.1.2 Port Pi Direction Registers (i = 0, 1, 4, 5)
Port Pi (i=0 to 5)
b5
b6
b7
b4 b3 b2 b1 b0
b
Function
R
W
1
2
3
4
5
6
7
0
Port Pi (Pi, i=0 to 5) [Addresses 00C016,00C216,00C416,00C616,00C816,00CA16]
Note: • In the 7480 Group, port P2 has only bits 0 to 3. The other bits are not implemented. (undefined at reading).
When used as input ports (Ports P0 to P5)
• At reading, input level of pin is read.
• At writing, writing to port latch is performed and
the pin state is not affected.
When used as output ports (Ports P0, P1, P4, P5)
• At reading, the last written value into the port latch is
read.
• At writing, the written value is output externally through
a transistor.
At reset
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
• Port P3 has only bits 0 to 3. The other bits are not implemented (‘0’ at reading).
• In the 7480 Group, port P4 has only bits 0 and 1. In the 7481 Group, port P4 has only bits 0 to 3.
The other bits are not implemented. (bits 4 to 7: ‘0’ at reading, bits 2 and 3 in the 7480 Group: undefined).
• The 7480 Group does not have port P5. In the 7481 Group, port P5 has only bits 0 to 3.
The other bits are not implemented. (‘0’ at reading).
Port Pi direction register (i=0,1,4,5)
b5
b6
b7
b4 b3 b2 b1 b0
b
Name
Function
At reset
RW
1
2
3
4
5
6
7
0
0
0
0
0
0
0
0
0
Port Pi direction register (PiD, i=0,1,4,5) [Addresses 00C116,00C316,00C916,00CB16]
Port Pi direction register (Note)
0 : Input mode
1 : Output mode
Note: • In the 7480 Group, port P4 direction register has only bits 0 and 1. In the 7481 Group, port P4 direction register
has only bits 0 to 3. The other bits are not implemented (bits 4 to 7: ‘0’ at reading, bits 2 and 3 in the 7480 Group:
undefined).
• The 7480 Group does not have port P5 direction register. In the 7481 Group, port P5 has only bits 0 to 3.
The other bits are not implemented (‘0’ at reading).
0 : Input mode
1 : Output mode
0 : Input mode
1 : Output mode
0 : Input mode
1 : Output mode
0 : Input mode
1 : Output mode
0 : Input mode
1 : Output mode
0 : Input mode
1 : Output mode
0 : Input mode
1 : Output mode
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com