Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 269 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 269 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 265Page - Renesas Technology Corp 7480 Datasheet HTML 266Page - Renesas Technology Corp 7480 Datasheet HTML 267Page - Renesas Technology Corp 7480 Datasheet HTML 268Page - Renesas Technology Corp 7480 Datasheet HTML 269Page - Renesas Technology Corp 7480 Datasheet HTML 270Page - Renesas Technology Corp 7480 Datasheet HTML 271Page - Renesas Technology Corp 7480 Datasheet HTML 272Page - Renesas Technology Corp 7480 Datasheet HTML 273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 337 page
background image
3-4
3.1 Control Registers
APPENDICES
7480 Group and 7481 Group User's Manual
Figure 3.1.5 Port P4P5 Input Control Register
Port P4P5 input control register
b5
b6
b7
b4 b3 b2 b1 b0
b
Name
Function
At reset
1
2
3
4
5
6
7
00
0
Port P4P5 input control register (P4P5CON) [Address 00D216]
When the P42, P43 are used as
the input port, set this bit to ‘1’.
Not implemented.
Writing to these bits is disabled.
These bits are ‘0’ at reading.
P5 input control bit
P42, P43 input control bit
When the P5 is used as the input
port, set this bit to ‘1’.
0
0
0
0
0
0
Note: 7480 Group does not have port pins P42, P43 and P5, so set bits 0 and 1 to ‘0’.
000 000
0
0
0
0
0
0
RW
O
O
O
O
×
×
×
×
×
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com