Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 269Page - Renesas Technology Corp 7480 Datasheet HTML 270Page - Renesas Technology Corp 7480 Datasheet HTML 271Page - Renesas Technology Corp 7480 Datasheet HTML 272Page - Renesas Technology Corp 7480 Datasheet HTML 273Page - Renesas Technology Corp 7480 Datasheet HTML 274Page - Renesas Technology Corp 7480 Datasheet HTML 275Page - Renesas Technology Corp 7480 Datasheet HTML 276Page - Renesas Technology Corp 7480 Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 337 page
background image
3-8
3.1 Control Registers
APPENDICES
7480 Group and 7481 Group User's Manual
Figure 3.1.10 Transmit/Receive Buffer Register
Figure 3.1.11 Serial I/O Status Register
Serial I/O status register
b5
b6
b7
b4 b3 b2 b1 b0
b
Name
Function
At reset
1
2
3
4
5
6
7
00
0
0
0
0
0
0
1
Serial I/O status register (SIOSTS) [Address 00E116]
Transmit buffer empty flag
(TBE)
Receive buffer full flag
(RBF)
Transmit shift completion
flag (TSC)
Overrun error flag
(OE)
Parity error flag
(PE)
Framing error flag
(FE)
Summing error flag
(SE)
0 : Buffer full
1 : Buffer empty
0 : Buffer empty
1 : Buffer full
0 : Transmit shift in progress
1 : Transmit shift completed
0 : No error
1 : Overrun error
0 : No error
1 : Parity error
0 : No error
1 : Framing error
0 : OE U PE U FE=0
1 : OE U PE U FE=1
This bit is fixed to ‘1’.
1
Note: b4 and b5 are valid only in UART
RW
O
O
O
O
O
O
O
1
×
×
×
×
×
×
×
×
Transmit/Receive buffer register
b5
b6
b7
b4 b3 b2 b1 b0
b
Function
At reset
1
2
3
4
5
6
7
0
Undefined
Transmit/Receive buffer register (TB/RB) [Address 00E016]
In transmission:
Transmit data is transferred to the transmit shift register
by writing transmit data.
In reception:
When data is stored completely in the receive shift
register, the receive data is transferred to this register.
Note: In transmission, this register is a write-only register.
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
In reception, this register is a read-only register.
RW
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com