Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 277 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 277 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 273Page - Renesas Technology Corp 7480 Datasheet HTML 274Page - Renesas Technology Corp 7480 Datasheet HTML 275Page - Renesas Technology Corp 7480 Datasheet HTML 276Page - Renesas Technology Corp 7480 Datasheet HTML 277Page - Renesas Technology Corp 7480 Datasheet HTML 278Page - Renesas Technology Corp 7480 Datasheet HTML 279Page - Renesas Technology Corp 7480 Datasheet HTML 280Page - Renesas Technology Corp 7480 Datasheet HTML 281Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 337 page
background image
3-12
3.1 Control Registers
APPENDICES
7480 Group and 7481 Group User's Manual
Figure 3.1.17 Timer X
Timer X (Timer X latch)
b5
b6
b7
b4 b3 b2 b1 b0
b
Function
At reset
1
2
3
4
5
6
7
0
1
Timer X (high-order) (TXH) [Address 00F116]
b5
b6
b7
b4 b3 b2 b1 b0
Timer X (low-order) (TXL) [Address 00F016]
The low-order count value of
timer X is indicated.
b
Function
At reset
1
2
3
4
5
6
7
0
The high-order count value of
timer X is indicated.
Notes 1: Do not write to these bits in pulse period measurement mode or pulse width measurement mode.
2: When b3 of timer X mode register is ‘0’, writing to latch and timer is simultaneously
performed. When b3 is ‘1’, writing to only latch is performed.
3: When reading/writing from/to timer X, read/write from/to both high-order and low-order
bytes. At reading, read the high-order byte and the low-order byte in this order.
At writing, write the low-order byte and the high-order byte in this order.
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
RW
O
O
O
O
O
O
O
O
RW
O
O
O
O
O
O
O
O
Note 1
Note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com