Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 274 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 274 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 270Page - Renesas Technology Corp 7480 Datasheet HTML 271Page - Renesas Technology Corp 7480 Datasheet HTML 272Page - Renesas Technology Corp 7480 Datasheet HTML 273Page - Renesas Technology Corp 7480 Datasheet HTML 274Page - Renesas Technology Corp 7480 Datasheet HTML 275Page - Renesas Technology Corp 7480 Datasheet HTML 276Page - Renesas Technology Corp 7480 Datasheet HTML 277Page - Renesas Technology Corp 7480 Datasheet HTML 278Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 337 page
background image
3-9
3.1 Control Registers
APPENDICES
7480 Group and 7481 Group User's Manual
Figure 3.1.12 Serial I/O Control Register
Figure 3.1.13 UART Control Register
Serial I/O control register
b5
b6
b7
b4 b3 b2 b1 b0
b
Name
Function
At reset
1
2
3
4
5
6
7
0
0
0
0
0
0
0
0
Serial I/O control register (SIOCON) [Address 00E216]
BRG count source
selection bit (CSS)
0 : f(XIN)/4
1 : f(XIN)/16
Serial I/O synchronous
clock selection bit (SCS)
when clock synchronous serial I/O is selected
0 : BRG output/4
1 : External clock input
when UART is selected
0 : BRG output/16
1 : External clock input/16
Transmit interrupt source
selection bit (TIC)
Transmit enable bit
(TE)
Receive enable bit
(RE)
Serial I/O mode selection bit
(SIOM)
Serial I/O enable bit
(SIOE)
0 : Interrupt occurs when transmit
buffer is empty.
1 : Interrupt occurs when transmit shift
operation is completed.
0 : Transmit disabled
1 : Transmit enabled
0 : Receive disabled
1 : Receive enabled
0 : Asynchronous serial I/O (UART)
1 : Clock synchronous serial I/O
0 : Serial I/O disabled
1 : Serial I/O enabled
SRDY output enable bit
(SRDY)
0 : P17 pin
1 : SRDY output pin
RW
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
UART control register
b5
b6
b7
b4 b3 b2 b1 b0
b
Name
Function
At reset
1
2
3
4
5
6
7
0
0
0
0
1
1
1
1
UART control register (UARTCON) [Address 00E316]
Character length selection bit
(CHAS)
Parity enable bit
(PARE)
Parity selection bit
(PARS)
Stop bit length selection bit
(STPS)
0 : 8 bits
1 : 7 bits
0 : Parity disabled
1 : Parity enabled
0 : Even parity
1 : Odd parity
0 : 1 stop bit
1 : 2 stop bits
These bits are fixed to ‘1’.
1
1
1
1
RW
O
O
O
1
O
1
1
1
O
O
O
×
O
×
×
×
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com