Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 272 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 272 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 268Page - Renesas Technology Corp 7480 Datasheet HTML 269Page - Renesas Technology Corp 7480 Datasheet HTML 270Page - Renesas Technology Corp 7480 Datasheet HTML 271Page - Renesas Technology Corp 7480 Datasheet HTML 272Page - Renesas Technology Corp 7480 Datasheet HTML 273Page - Renesas Technology Corp 7480 Datasheet HTML 274Page - Renesas Technology Corp 7480 Datasheet HTML 275Page - Renesas Technology Corp 7480 Datasheet HTML 276Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 337 page
background image
3-7
3.1 Control Registers
APPENDICES
7480 Group and 7481 Group User's Manual
Figure 3.1.9 STP Instruction Operation Control Register
STP instruction operation control register
b5
b6
b7
b4 b3 b2 b1 b0
b
Function
At reset
1
2
3
4
5
6
7
0
1
STP instruction operation control register (STPCON) [Address 00DE16]
0
0
0
0
0
0
0
STP and WIT valid/invalid
selection bit (Note)
Name
0 : STP/WIT instruction valid
1 : STP/WIT instruction invalid
Not implemented.
Writing to these bits is disabled.
These bits are ‘0’ at reading.
Note: The STP and WIT instructions are invalid after the system is released from reset. When
using these instructions, set STP and WIT valid/invalid selection bit of the STP instruction
operation control register to ‘1’, then set this bit to ‘0’. (Writing twice successively)
When not using the STP and WIT instructions, set this bit to ‘1’ either once or twice.
00 000 00
O
0
0
0
0
0
0
0
RW
O
×
×
×
×
×
×
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com