Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 281 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 281 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 277Page - Renesas Technology Corp 7480 Datasheet HTML 278Page - Renesas Technology Corp 7480 Datasheet HTML 279Page - Renesas Technology Corp 7480 Datasheet HTML 280Page - Renesas Technology Corp 7480 Datasheet HTML 281Page - Renesas Technology Corp 7480 Datasheet HTML 282Page - Renesas Technology Corp 7480 Datasheet HTML 283Page - Renesas Technology Corp 7480 Datasheet HTML 284Page - Renesas Technology Corp 7480 Datasheet HTML 285Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 337 page
background image
3-16
3.1 Control Registers
APPENDICES
7480 Group and 7481 Group User's Manual
Figure 3.1.24 Timer 1 Mode Register
Figure 3.1.25 Timer 2 Mode Register
Timer 1 mode register
b5
b6
b7
b4 b3 b2 b1 b0
b
Name
Function
At reset
1
2
3
4
5
6
7
00
0
0
0
0
0
0
0
Timer 1 mode register (T1M) [Address 00F916]
Timer 1 stop control bit
Timer 1 operation
mode bit
Output level latch
Timer 1 count source
selection bits
0 : Count operation
1 : Count stop
0 : Timer mode
1 : Programmable waveform generation mode
b7 b6
Not implemented. Writing to these bits is disabled.
These bits are ‘0’ at reading.
Not implemented. Writing to this bit is disabled.
This bit is ‘0’ at reading.
0 0 : f(XIN)/8
0 1 : f(XIN)/64
1 0 : f(XIN)/128
1 1 : f(XIN)/256
0 : LOW output from T0 pin
1 : HIGH output from T0 pin
00 0
RW
0
0
O
O
×
×
O
O
O
O
0
×
OO
O
O
Timer 2 mode register
b5
b6
b7
b4 b3 b2 b1 b0
b
Name
Function
At reset
1
2
3
4
5
6
7
00
0
0
0
0
0
0
0
Timer 2 mode register (T2M) [Address 00FA16]
Timer 2 stop control bit
Timer 2 operation
mode bit
Output level latch
Timer 2 count source
selection bits
0 : Count operation
1 : Count stop
0 : Timer mode
1 : Programmable waveform generation mode
b7 b6
0 0 : f(XIN)/8
0 1 : f(XIN)/64
1 0 : f(XIN)/128
1 1 : f(XIN)/256
Not implemented. Writing to these bits is disabled.
These bits are ‘0’ at reading.
Not implemented. Writing to this bit is disabled.
This bit is ‘0’ at reading.
0 : LOW output from T1 pin
1 : HIGH output from T1 pin
00 0
RW
0
0
O
O
×
×
O
O
O
O
0
×
OO
O
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com