Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 26 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 26 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 217 page
background image
ST7787
V1.7
2008.04.18
26
-Connect a capacitor for stabilization
VGHS
I
- A reference voltage for step-up circuit 2
1
VGH
VGL
I
-Power input pin for gate driver circuit
-In normal usage, connect it to VGL
2
Capacitor
VGLO
O
-Negative output of the step-up circuit 2
-Connect a capacitor for stabilization
2
VGL
VGLS
I
- A reference voltage for step-up circuit 2
1
VGL
VREF
O
-Reference voltage for power circuit block.
-Connect a capacitor for stabilization
3
Capacitor
GVDD
O
-A standard level for grayscale voltage generator
-Connect a capacitor for stabilization.
-When internal GVDD generator is not used, connect an external power
supply (AVDD-0.5V)
3
Capacitor
VCOMH
O
-Positive voltage output of VCOM
-Connect a capacitor for stabilization
8
Capacitor
VCOML
O
-Negative voltage output of VCOM
-Connect a capacitor for stabilization
8
Capacitor
VCOM
O
-A power supply for the TFT-LCD common electrode
8
Common
electrode
C11P,
C11N
C12P,
C12N
O
-Capacitor connecting pins for step-up circuit 1 (for AVDD)
24
Step-up
Capacitor
C21P,
C21N
C22P,
C22N
C23P,
C23N
O
-Capacitor connecting pins for step-up circuit 2 (for VGH, VGL, VCL)
24
Step-up
Capacitor
VDDIO
O
-VDDI voltage output level for monitoring
8
-
DGNDO
O
-DGND voltage output level for monitoring
9
-
VCC
O
-Monitoring pin of internal digital reference voltage
-Connect a capacitor fir stabilization
6
Capacitor
REGP
REGPT
O
Test pin
2
Open
6.5 Test pin
Name
I/O
Description
Count
Connect pin
TPI,
TPO
I/O
-Test pins. In regular usage, please open these pins
12
Open
Dummy
-These pins are dummy (have no function inside)
-Can allow signal traces pass through under these pads on TFT glass
24
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com