Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 24 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 24 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 217 page
background image
ST7787
V1.7
2008.04.18
24
6.3 Mode selection pin
Name
I/O
Description
Count
Connect pin
EXTC
I
-To use extended command set, please connect this pin to VDDI
-During normal operation, please open this pin (internal Rpull-down=2M )
EXTC
Enable/disable modification of extend command
0
Only use default command set
1
Use extended command table
(command register can be modify by user)
1
VDDI/GND
GS
I
-Gamma arrangement selection pin when LCM[1]=0,LCM[0]=0
GS
GC[7:0] Reg.
LCM1
LCM0
LC Type
Gamma
0
0
MVA
0
1
Transflective(TR)
1
0
Transmissive(TM)
01H
1
1
N/A
Curve 2.2
02H
X
X
Transflective(TR) 1.8
04H
X
X
Transflective(TR) 2.5
1
08H
X
X
Transflective(TR) 1.0
01H
X
X
Transflective(TR) 1.0
02H
X
X
Transflective(TR) 2.5
0
0
MVA
0
1
Transflective(TR)
1
0
Transmissive(TM)
04H
1
1
N/A
Curve 2.2
0
08H
X
X
Transflective(TR) 1.8
1
VDDI/GND
IDM
I
-Normal mode and Idle mode selection pin
-Please refer RGB interface for detail usage
IDM
Enable/disable idle mode
0
Normal display (can be changed to Idle mode by S/W)
1
Idle mode enable
1
VDDI/GND
LCM1,
LCM0
I
-Liquid crystal (LC) type selection pins
LCM[1:0]
Selection of LC type
0
0
MVA
0
1
Transflective
1
0
Transmissive
1
1
Reserved
1
VDDI/GND
RCM1,
RCM0
I
-RGB or MCU interface mode selection pins
RCM[1:0]
Selection of MCU or RGB interface
00
0
MCU Interface
01
1
MCU Interface
10
2
RGB Interface (1)
11
3
RGB Interface (2)
2
VDDI/GND
SRGB
I
-RGB arrangement selection pin for color filter design
SRGB
RGB arrangement
0
S1, S2, S3 filter order = ’R’, ’G’, ’B’
1
S1, S2, S3 filter order = ‘B’, ‘G’, ‘R’
-Please refer chapter 14 for detail using
1
VDDI/GND
SMX
I
-Scanning direction of source output selection pin
SMX
Scanning direction of source output
0
S1 -> S720
1
S720 -> S1
-Please refer chapter 14 for detail using
1
VDDI/GND
SMY
I
-Scanning direction of gate output selection pin
SMY
Scanning direction of gate output
0
G1 -> G320
1
VDDI/GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com