Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 22 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 22 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 217 page
background image
ST7787
V1.7
2008.04.18
22
6. Pin description
6.1 Power supply pin
Name
I/O
Description
Count
Connect pin
VDD
I
Power supply for analog, digital system and booster circuit
10
VDD
VDDI
I
Power supply for I/O system
4
VDDI
VPP
I
Power supply for OTP circuit
4
VPP
AGND
I
System ground for analog system and booster circuit
16
GND
DGND
I
System ground for I/O system and internal digital system
11
GND
6.2 Interface logic pin
Name
I/O
Description
Count
Connect pin
P68
I
-8080/6800 MCU interface mode select
-P68=’1’, select 6800 MCU parallel interface
-P68=’0’, select 8080 MCU parallel interface
-If not used, please fix this pin at VDDI or DGND level
1
GND/VDDI
IM0~IM2
I
-Selection for MCU parallel interface or serial interface
-If not used, please connect this pin to VDDI or DGND
IM2
MCU & SPI interface mode selection
0
SPI interface
1
MCU parallel interface
3
GND/VDDI
RESX
I
-This signal will reset the device and it must be applied to properly
initialize the chip
-Signal is active low
1
MCU
CSX
I
-Chip select input pin (“Low” is enable)
-This pin can be permanently fixed “Low” in MCU interface mode only
1
MCU
D/CX
(SCL)
I
-Display data/command selection pin in MCU interface
-D/CX=’1’: display data
-D/CX=’0’: command data
-In serial interface, this is used as SCL
-If not used, please connect this pin to VDDI or DGND
1
MCU
RDX
(E)
I
-Read enable in 8080 MCU parallel interface
-Read/write operation enable pin in 6800 MCU parallel interface
-If not used, please connect this pin to VDDI or DGND
1
MCU
WRX
I
-Write enable in MCU parallel interface
- Read/write operation enable pin in 8080 MCU parallel interface
-If not used, please connect this pin to VDDI or DGND
-In RGB interface, WRX are not used and should be connected to
VDDI
1
MCU
SDA
I
-When RCM1, RCM0=’1X’ (RGB interface), this pin is used as serial
input/output pin.
-When RCM1, RCM0=’0X’ (MCU interface), this pin is not used and
please connect to VDDI or DGND level. The serial input/output pin in
MCU interface mode is D0.
1
MCU
DGND/VDDI
OSC
O
-Monitoring pin of internal oscillator clock and is turned ON/OFF by S/W
command
-When this pin is inactive (function OFF), this pin is DGND level
-If not used, please keep this pin open
1
-
D[17:0]
I/O
-When RCM=”1” (RGB interface), D[17:0] are used as RGB interface
data bus
-When RCM=”0” (MCU interface), D[17:0] are used as MCU parallel
interface data bus
-D0 is the serial input/output signal in serial interface mode
-In serial interface, D[17:1] are not used and should be connected
to VDDI or DGND
18
MCU
TE
I/O
-Tearing effect output pin to synchronies MCU to frame writing,
activated by S/W command
-External VSYNC signal input pin with MCU interface.
-When this pin is not inactive, this pin is low
-If not used, please open this pin
1
MCU
PCLK
I
-Pixel clock signal in RGB interface mode
-If not used, please fix this pin at VDDI or DGND
1
RGB interface
VS
I
-Vertical sync. Signal in RGB interface mode
-If not used, please fix this pin at VDDI or DGND
1
RGB interface
HS
I
-Horizontal sync. Signal in RGB interface mode
-If not used, please fix this pin at VDDI or DGND
1
RGB interface
DE
I
-Data enable signal in RGB interface mode
1
RGB interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com