Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 63 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 63 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 66Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 217 page
background image
ST7787
V1.7
2008.04.18
63
Table 9.9.1 Rules for Updating Order
Condition
Horizontal
Counter
Vertical
Counter
An active VS signal is received
Return to 0
Return to 0
Signal Pixel information of the active area is received
Increment by 1
No change
An active HS signal between two active area lines
Return to 0
Increment by 1
The Horizontal counter is larger than 239 and the Vertical counter is larger than 319
Return to 0
Return to 0
Note 1. Pixel order is RGB on the display.
Note 2. Data streaming direction from the host to the display is described in the following figure.
Fig. 9.9.3 Data streaming order for RGB interface
9.9.4 RGB Interface Bus Width set
All 4-kinds of bus width can be available during RGB interface mode (selected by COLMOD (3Ah) command for 6-bit, 16-bit
and 18-bit data width)
VIPF[3:0]
D17
D16
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Bus
width
0101
R4
R3
R2
R1
R0
x
G5
G4
G3
G2
G1
G0
B4
B3
B2
B1
B0
x
16-bit
data
0110
R5
R4
R3
R2
R1
R0
G5
G4
G3
G2
G1
G0
B5
B4
B3
B2
B1
B0
18-bit
data
VIPF[3:0]
D17
D16
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Bus
width
x
x
x
x
x
x
x
x
x
x
R5
R4
R3
R2
R1
R0
x
x
x
x
x
x
x
x
x
x
x
x
G5
G4
G3
G2
G1
G0
x
x
1110
x
x
x
x
x
x
x
x
x
x
B5
B4
B3
B2
B1
B0
x
x
6-bit
data
Note 1: When VIPF[3:0]=”1110”, 6-bit data width of 3-times transfer is used to transmit 1 pixel data with the 18-bit color
depth information.
Note 2: Only VIPF[3:0]= ”0101” , “0110” and “1110” are valid on RGB I/F, Others are invalid.
Note 3. ‘x’ Don’t care, but need to set VDDI or DGND level.
9.9.5 RGB Interface Mode Set
Table 9.9.5.1 RGB Interface Mode Set
RGB I/F
Mode
PCLK
DE
VS
HS
Video Data bus
D[17:0]
Register for Blanking
Porch setting
Reference clock for
Display
RGB Mode 1
Used
Used
Used
Used
Used
Not Used
Internal Oscillator
RGB Mode 2
Used
Used
Used
Used
Used
Used
Internal Oscillator
There are 2-kinds of RGB mode which is selected by RCM1 & RCM0 hardware pins.
In RGB Mode 1 (RCM1, RCM0 = “10”), writing data to frame memory is done by PCLK and Video Data Bus (D[17:0]), when
DE is high state. The external synchronization signals (PCLK, VS and HS) are used for internal display signals. So,
controller (host) must always transfer PCLK, VS, HS and DE signals to IC.
In RGB Mode 2 (RCM1, RCM0 = “11”), blanking porch setting of VS and HS signals are defined by RGBBPCTR (B5h)
command. DE pin is used for data making. When DE pin is high, valid data is directly stored to frame memory. In the
contrast, if DE pin is low the data of frame memory will keep same status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com