Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 86 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 86 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 82Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 83Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 84Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 85Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 86Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 87Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 88Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 89Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 90Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 217 page
background image
ST7787
V1.7
2008.04.18
86
9.12.2 Frame Data Write Direction According to the MADCTL parameters (MV, MX and MY)
MADCTL
Parameter
Display Data
Direction
MV
MX
MY
Image in the
Host
(MPU)
Image in the Driver
(DDRAM)
Normal
0
0
0
Y-Mirror
0
0
1
X-Mirror
0
1
0
X-Mirror
Y-Mirror
0
1
1
X-Y Exchange
1
0
0
X-Y Exchange
Y-Mirror
1
0
1
X-Y Exchange
X-Mirror
1
1
0
X-Y Exchange
X-Mirror
Y-Mirror
1
1
1
H/W position (0,0)
F
H/W position (0,0)
F
H/W position (0,0)
X-Y address (0,0)
X: RASET
Y: CASET
B
H/W position (0,0)
X-Y address (0,0)
X: RASET
Y: CASET
F
H/W position (0,0)
F
B
X-Y address (0,0)
X: CASET
Y: RASET
B
F
H/W position (0,0)
X-Y address (0,0)
X: CASET
Y: RASET
H/W position (0,0)
X-Y address (0,0)
X: CASET
Y: RASET
B
F
B
F
H/W position (0,0)
X-Y address (0,0)
X: CASET
Y: RASET
B
F
B
F
B
F
B
F
B
F
B
F
B
F
B
F
B
F
B
X-Y address (0,0)
X: RASET
Y: CASET
B
X-Y address (0,0)
X: RASET
Y: CASET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com