Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 42 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 42 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 217 page
background image
ST7787
V1.7
2008.04.18
38
9.5 Data Transfer Break and Recovery
If there is a break in data transmission by RESX pulse, while transferring a Command or Frame Memory Data or Multiple
Parameter command Data, before Bit D0 of the byte has been completed, then DRIVER will reject the previous bits and
have reset the interface such that it will be ready to receive command data again when the chip select line (CSX) is next
activated after RESX have been High state. See the following example
Fig. 9.5.1 Serial bus protocol, write mode – interrupted by RESX
If there is a break in data transmission by CSX pulse, while transferring a Command or Frame Memory Data or Multiple
Parameter command Data, before Bit D0 of the byte has been completed, then DRIVER will reject the previous bits and
have reset the interface such that it will be ready to receive the same byte re-transmitted when the chip select line (CSX) is
next activated. See the following example
Fig. 9.5.2 Serial bus protocol, write mode – interrupted by CSX
If 1, 2 or more parameter command is being sent and a break occurs while sending any parameter before the last one and if
the host then sends a new command rather than re-transmitting the parameter that was interrupted, then the parameters
that were successfully sent are stored and the parameter where the break occurred is rejected. The interface is ready to
receive next byte as shown below.
Fig.9.5.3 Write interrupts recovery (serial interface)
If a 2 or more parameter command is being sent and a break occurs by the other command before the last one is sent, then
the parameters that were successfully sent are stored and the other parameter of that command remains previous value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com