Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 47 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 47 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 217 page
background image
ST7787
V1.7
2008.04.18
43
9.8.1.2 8-bit data bus for 16-bit/pixel (RGB 5-6-5-bit input), 65K-Colors, 3AH=”05h”
There are 1 pixel (3 sub-pixels) per 2-bytes.
R1, Bit 4
G1, Bit 2
0
R1, Bit 3
G1, Bit 1
0
R1, Bit 2
G1, Bit 0
1
R1, Bit 1
B1, Bit 4
0
R1, Bit 0
B1, Bit 3
1
G1, Bit 5
B1, Bit 2
1
G1, Bit 4
B1, Bit 1
0
G1, Bit 3
B1, Bit 0
0
8080-series control pins
6800-series control pins
RESX
IM[2:0]
CSX
D/CX
“1”
“100”
WRX
RDX
“1”
R/WX
E
D7
D6
D5
D4
D3
D2
D1
D0
Pixel n
Pixel n+1
Look-up table for 65k color data mapping (16 bits to 18 bits)
16 bits
16 bits
R1
G1
B1
R2
G2
B2
R3
G3
B3
18 bits
Frame memory
R2, Bit 4
G2, Bit 2
R2, Bit 3
G2, Bit 1
R2, Bit 2
G2, Bit 0
R2, Bit 1
B2, Bit 4
R2, Bit 0
B2, Bit 3
G2, Bit 5
B2, Bit 2
G2, Bit 4
B2, Bit 1
G2, Bit 3
B2, Bit 0
“0”
Note1. The data order is ad follows, MSB=D7, LSB=D0 and picture data is MSB=Bit 5, LSB=Bit 0 for Green and MSB=Bit 4,
LSB=Bit 0 for Red and Blue data.
Note 2.2-times transfer is used to transmit 1 pixel data with the 16-bit color depth information.
Note 3. ‘-‘ = Don't care - Can be set to '0' or '1'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com