Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 72 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 72 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 217 page
background image
ST7787
V1.7
2008.04.18
72
Table 9.9.6.3 Vertical and Horizontal Timing for RGB I/F
Specification
Item
Symbol
Condition
Min
Type.
Max
Unit
Vertical Timing
Vertical cycle period
TVP
323
324
HS
Vertical low pulse width
TVS
1
4
HS
Vertical front porch
TVFP
1
1
1023
HS
Vertical back porch
TVBP
1
1023
HS
Vertical data start line
TVS + TVBP
2
3
1023
HS
Vertical blanking period
TVBL
TVS + TVBP + TVFP
3
4
1023
HS
Vertical active area
TVDISP
320
HS
Vertical refresh rate
TVRR
Frame rate
61.75
65
68.25
Hz
Horizontal Timing
Horizontal cycle period
THP
243
260
511
PCLK
Horizontal low pulse width
THS
1
63
PCLK
Horizontal front porch
THFP
1
63
PCLK
Horizontal back porch
THBP
1
63
PCLK
THS + THBP
1
10
63
PCLK
Horizontal data start point
ff HS + fHBP
0.196
us
Horizontal blanking period
THBL
3
20
256
PCLK
Horizontal active area
THDISP
240
PCLK
TPCLKCYC
33.3
182
196
ns
Pixel clock cycle
fPCLKCYC
TVRR=65Hz
5.1
5.48
30
MHz
Note 1. VDDI=1.65 to 3.3V, VDD=2.45 to 3.3V, AGND=DGND=0V, Ta=-30 to 70℃ (to +85℃ no damage)
Note 2. Data lines can be set to “High” or “Low” during blanking time – Don’t care.
Note 3. HP is multiples of eight PCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com