Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 69 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 69 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 66Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 217 page
background image
ST7787
V1.7
2008.04.18
69
Table 9.9.6.2 Vertical and Horizontal Timing for RGB I/F
Specification
Item
Symbol
Condition
Min
Typ.
Max
Unit
Vertical Timing
Vertical cycle period
TVP
326
330
HS
Vertical low pulse width
TVS
2
4
HS
Vertical front porch
TVFP
2
4
HS
Vertical back porch
TVBP
2
4
HS
Vertical data start line
TVS + TVBP
4
8
HS
Vertical blanking period
TVBL
TVS + TVBP + TVFP
6
10
HS
Vertical active area
TVDISP
320
HS
Vertical refresh rate
TVRR
Frame rate
61.75
65
68.25
Hz
Horizontal Timing
Horizontal cycle period
THP
272
512
PCLK
Horizontal low pulse width
THS
2
256
PCLK
Horizontal front porch
THFP
2
256
PCLK
Horizontal back porch
THBP
2
256
PCLK
THS + THBP
30
256
PCLK
Horizontal data start point
ff HS + fHBP
1.0
us
Horizontal blanking period
THBL
32
256
PCLK
Horizontal active area
THDISP
240
PCLK
TPCLKCYC
33.3
174
ns
Pixel clock cycle
fPCLKCYC
TVRR=65Hz
5.8
30.0
MHz
Note 1. VDDI=1.65 to 3.3V, VDD=2.45 to 3.3V, AGND=DGND=0V, Ta=-30 to 70℃ (to +85℃ no damage)
Note 2. Data lines can be set to “High” or “Low” during blanking time – Don’t care.
Note 3. HP is multiples of eight PCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com