Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 64 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 64 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 66Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 217 page
background image
ST7787
V1.7
2008.04.18
64
Table 9.9.5.2 MCU & RGB Interface Comparisons table
Function
RCM1, RCM0
RCM1, RCM0
"0x"
"10"
"11"
8080/ 6800 IF + SPI I/F
RGB I/F + SPI I/Mode selection 1/F
Mode selection 1
MCU Mode
RGB Mode 1
RGB Mode 2
IMx=
IMx="00"
ICM='0'
ICM='1'
ICM='0'
ICM='1'
Mode selection 2
8080/ 6800 IF
SPI I/F
RGB-1 I/F + SPI I/F
RGB-2 I/F + SPI I/F
Motion /Still selection
Motion or Still
picture
Still picture
Motion or Still
picture
Still picture
Motion or Still
picture
Still picture
Input data
D[17:0]
D0
D[17:0]
SDA H/W pin
enable
D[17:0]
SDA H/W pin
enable
CSX
D/CX = SCL
PCLK
D/CX = SCL
PCLK
D/CX = SCL
Input signal
WRX (R/WX), RDX
(E)
CSX
VS, HS, DE
CSX
VS, HS, DE
CSX
GRAM Write cycle
Refer the
WRX cycle
Refer SCL
Refer PCLK
Refer SCL
Refer PCLK
Refer SCL
GRAM Read Cycle
Refer
Internal Oscillator
Refer
Internal Oscillator
Refer PCLK
Refer
Internal Oscillator
Refer PCLK
Refer
Internal Oscillator
Command setting
D[7:0]
D0
SDA
SDA
SDA
SDA
SMX, SMY, SRGB
-If those register not change, those H/W pins are always valid. If those registers be changed, should be follow
registers setting.
-When Power On or H/W reset, those function follow H/W pins setting first.
TE
Function
-By command setting
-By command setting
-By command setting
Normal /
Partial mode
-By command setting
-By command setting
-By Command setting
Idle Mode
(IDM H/W pin)
-By IDM H/W pin
-IDM On/OFF (39h/28h) are disable
Display On/ Off
(SHUT H/W pin)
-By SHUT H/W pin
-SLPIN(10h), SLPOUT(11h), Display
On/OFF (29h/28h) are disable
Data inverter setting
(REV H/W pin)
-By command setting
-Don’t care in this mode, but should be set to VDDI or DGND
-By REV H/W pin
-INVON/OFF (21h/20h) are disable
DE H/W pin
-The data latched by rising edge of
PCLK when DE=’1’
-When display data coming the DE
signal should be VDDI level
-When DE='0' area, the data of GRAM
will keep the same status.
RL H/W pin
TB H/W pin
-Don’t care in this mode, but should be
set to VDDI or DGND
-Don’t care in this mode, but should
be set to VDDI or DGND
-By H/W pin
-No commands conflict
Blanking porch
-Don’t care in this mode
-Control by DE signal
-Control by RGBBPCTR (B5h)
Colors format
-Control by IFPF[2:0] of COLMOD(3A)
-Control by VIPF[3:0] of COLMOD(3A)
Note 1: RCM1 and RCM0 are H/W setting pins.
Note 2: In RGB + SPI I/F (RCM="1x"), VS, HS, DE, PCLK and D[17:0] are Hi-Z by Driver and can be stop for Host, when
ICM='1'.
Note 3: In RGB + SPI I/F (RCM="1x"), the data deliver via GRAM
Note 4: When Power on Driver IC should be detect SMX, SMY, SRGB H/W setting
Note 5: When Power on Driver IC should be detect RCM1, RCM0 H/W setting and get into the I/F mode.
Note 6: When Power on Driver IC should be detect LCM1, LCM0 H/W setting and get into the setting mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com