Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 96 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 96 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 92Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 93Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 94Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 95Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 96Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 97Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 98Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 99Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 100Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 217 page
background image
ST7787
V1.7
2008.04.18
96
9.17.3 Reset Timing
Table 9.18.3.1 Reset input timing
VSS=0V, VDDI=1.65V to 1.95V, VDD=2.45V to 2.9V,Ta = -30 to 70
)
℃
Symbol
Parameter
Related Pins
MIN
TYP
MAX
Note
Unit
tRESW
*1) Reset low pulse width
RESX
30
-
-
-
us
tREST
*2) Reset complete time
-
120
-
-
ms
Note 1) Spike due to an electrostatic discharge on RESX line does not cause irregular system reset according to the table
below.
Note 2. During the resetting period, the display will be blanked (The display is entering blanking sequence, which maximum
time is 120 ms, when Reset Starts in Sleep Out –mode. The display remains the blank state in Sleep In –mode) and
then return to Default condition for H/W reset.
Note 3. During Reset Complete Time, ID2 and VCOMOF value in OTP will be latched to internal register during this period.
This loading is done every time when there is H/W reset complete time (tREST) within 120ms after a rising edge of
RESX.
Note 4. Spike Rejection also applies during a valid reset pulse as shown below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com