Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 74 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 74 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 77Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 78Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 217 page
background image
ST7787
V1.7
2008.04.18
74
9.9.6.5 Power OFF Sequence on RGB Mode 2
The Driver operates power off and display OFF by VDD, VDDI, SHUT, VS, HS and DE on RGB mode 2 as show as
following figure.
RESX
SHUT
PCLK
HS
DE
VS
Display high
voltage
Display
Source output
Vcom output
Gate output
Internal counter
Internal
oscillator
Display off
Normal display
Display on
Normal display
Normal display
0V
0V
Blanking display(over 1 frame)
TVDD-VDDI
TOFF-VDD
TSH-OFF
RESX
SHUT
PCLK
HS
DE
VS
Display high
voltage
Display
Source output
Vcom output
Gate output
Internal counter
Internal
oscillator
Display off
Normal display
Display on
Normal display
Normal display
0V
0V
Blanking display(over 1 frame)
TVDD-VDDI
TOFF-VDD
TSH-OFF
Fig. 9.9.16 Power-OFF seqnence in RGB mode 2
Table 9.9.6.5 Power OFF AC Characteristics
Characteristics
Symbol
Min
Typ
Max
Unit
Remark
VDDI On to VDD On
TVDD-VDDI
0
ns
Signals input to VDDI/VDD off
TSH-OFF
1
us
Note1
Rising edge of SHUT to Display off
TSH-OFF
2
VS
Note 1: Signals mean VS, HS, DE and PCLK signal.
Note 2: DP=’0’, EP=’0’, HSP=’0’ and VSP=’0’ of RGBCTR (B0h) command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com