Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 34 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 34 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 217 page
background image
ST7787
V1.7
2008.04.18
34
9. Function description
9.1 Interface type selection
The selection of given interfaces are done by setting P68, IM2, IM1, and IM0 pins as shown in following table.
P68
IM2
IM1
IM0
Interface
Read back selection
-
0
-
-
3-line serial interface
Via the read instruction
0
1
0
0
8080 8-bit parallel
RDX strobe (8-bit read data and 8-bit read parameter)
0
1
0
1
8080 16-bit parallel
RDX strobe (16-bit read data and 8-bit read parameter)
0
1
1
0
8080 9-bit parallel
RDX strobe (9-bit read data and 8-bit read parameter)
0
1
1
1
8080 18-bit parallel
RDX strobe (18-bit read data and 8-bit read parameter)
-
0
-
-
3-line serial interface
Via the read instruction
1
1
0
0
6800 8-bit parallel
E strobe (8-bit read data and 8-bit read parameter)
1
1
0
1
6800 16-bit parallel
E strobe (16-bit read data and 8-bit read parameter)
1
1
1
0
6800 9-bit parallel
E strobe (9-bit read data and 8-bit read parameter)
1
1
1
1
6800 18-bit parallel
E strobe (18-bit read data and 8-bit read parameter)
P68
IM2
IM1
IM0
Interface
RDX
WRX
D/CX
Read back selection
-
0
-
-
3-line serial interface
Note1
Note1
SCL
D[17:1]: unused, D0: SDA
0
1
0
0
8080 8-bit parallel
RDX
WRX
D/CX
D[17:8]: unused, D7-D0: 8-bit data
0
1
0
1
8080 16-bit parallel
RDX
WRX
D/CX
D[17:16]: unused, D15-D0: 16-bit
data
0
1
1
0
8080 9-bit parallel
RDX
WRX
D/CX
D[17:9]: unused, D8-D0: 9-bit data
0
1
1
1
8080 18-bit parallel
RDX
WRX
D/CX
D17-D0: 18-bit data
1
1
0
0
6800 8-bit parallel
E
WRX
RS
D[17:8]: unused, D7-D0: 8-bit data
1
1
0
1
6800 16-bit parallel
E
WRX
RS
D[17:16]: unused, D15-D0: 16-bit
data
1
1
1
0
6800 9-bit parallel
E
WRX
RS
D[17:9]: unused, D8-D0: 9-bit data
1
1
1
1
6800 18-bit parallel
E
WRX
RS
D17-D0: 18-bit data
Note 1. Unused pins can be open, or connected to DGND or VDDI.
9.2 8080-series MCU parallel interface (P68=’0’)
The MCU can use on of following interfaces: 11-lines with 8-data parallel interface, 12-lines with 9-data parallel interface,
19-lines with 16-data parallel interface or 21-lines with 18-data parallel interface. The chip-select CSX (active low)
enables/disables the parallel interface. RESX (active low) is an external reset signal. WRX is the parallel data write, RDX
is the parallel data read and D[17:0] is parallel data.
The graphics controller chip reads the data at the rising edge of WRX signal. The D/CX is the data/command flag. When
D/CX=’1’, D[17:0] bits are either display data or command parameters. When D/C=’0’, D[17:0] bits are commands.
The 6800-series bi-directional interface can be used for communication between the micro controller and LCD driver chip.
The selection of this interface is done when P68 pin is in low state (DGND). Interface bus width can be selected with IM2,
IM1 and IM0.
The interface functions of 8080-series parallel interface are given in following table.
P68
IM2
IM1
IM0
Interface
RDX
WRX
D/CX
Read back selection
0
1
↑
Write 8-bit command (D7 to D0)
1
1
↑
Write 8-bit display data or 8-bit parameter (D7 to D0)
1
↑
1
Read 8-bit display data (D7 to D0)
0
1
0
0
8-bit
parallel
1
↑
1
Read 8-bit parameter or status (D7 to D0)
0
1
↑
Write 8-bit command (D7 to D0)
1
1
↑
Write 16-bit display data or 8-bit parameter (D15 to D0)
1
↑
1
Read 16-bit display data (D15 to D0)
0
1
0
1
16-bit
parallel
1
↑
1
Read 8-bit parameter or status (D7 to D0)
0
1
↑
Write 8-bit command (D7 to D0)
1
1
↑
Write 9-bit display data or 8-bit parameter (D8 to D0)
1
↑
1
Read 9-bit display data (D8 to D0)
0
1
1
0
9-bit
parallel
1
↑
1
Read 8-bit parameter or status (D7 to D0)
0
1
↑
Write 8-bit command (D7 to D0)
1
1
↑
Write 18-bit display data or 8-bit parameter (D17 to D0)
1
↑
1
Read 18-bit display data (D17 to D0)
0
1
1
1
18-bit
parallel
1
↑
1
Read 8-bit parameter or status (D7 to D0)
Note: applied for command code: DAh, DBh, DCh, 04h, 09h, 0Ah, 0Bh, 0Ch, 0Dh, 0Eh, 0Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com