Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 32 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 32 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 217 page
background image
ST7787
V1.7
2008.04.18
32
8.2 Parallel interface characteristics: 18, 16, 9 or 8-bits bus (6800-series MCU interface)
CSX
D/CX
D[17:0]
write
D[17:0]
read
VIH
VIL
VIH
VIL
TCHW
TCHW
TCSH
TCSF
TAST
TRCS/TRCSFM
/WX
E
RX
E
TCS
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
TAHT
TWC
TWRH
TWRL
TDST
TDHT
TRDH/TRDHFM
TRDL/TRDLFM
TRC/TRCFM
TRAT/TRATFM
TODH
Fig. 8.2.1 Parallel interface timing characteristics (6800-series MCU interface)
Signal
Symbol
Parameter
Min
Max
Unit
Description
TAST
Address setup time
10
-
ns
D/CX
TAHT
Address hold time (Write/Read)
10
-
ns
-
TCHW
Chip select “H” pulse width
0
-
ns
TCS
Chip select setup time (Write)
15
-
ns
TRCS
Chip select setup time (Read ID)
45
-
ns
TRCSFM
Chip select setup time (Read FM)
355
-
ns
TCSF
Chip select wait time (Write/Read)
10
-
ns
CSX
TCSH
Chip select hold time
10
-
ns
-
TWC
Write cycle
66
-
ns
TWRH
Control pulse “H” duration
20
-
ns
WRX
TWRL
Control pulse “L” duration
20
-
ns
-(15Mhz)
TRC
Read cycle (ID)
160
-
ns
TRDH
Control pulse “H” duration (ID)
90
-
ns
RDX (ID)
TRDL
Control pulse “L” duration (ID)
45
-
ns
When read ID data
TRCFM
Read cycle (FM)
450
-
ns
TRDHFM
Control pulse “H” duration (FM)
90
-
ns
RDX (FM)
TRDLFM
Control pulse “L” duration (FM)
355
-
ns
When read from frame
memory
TDST
Data setup time
20
-
ns
TDHT
Data hold time
20
-
ns
TRAT
Read access time (ID)
-
40
ns
TRATFM
Read access time (FM)
-
340
ns
D[17:0]
TODH
Output disable time
20
80
ns
For maximum CL=30pF
For minimum CL=8pF
Note 1: VDDI=1.65 to 3.3V, VDD=2.45 to 3.3V, AGND=DGND=0V, Ta=-30 to 70℃
Note 2: The rising time and falling time (Tr, Tf) of input signal and fall time are specified at 15 ns or less. Logic high and
low levels are specified as 30% and 70% of VDDI for Input signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com