Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 82 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 82 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 78Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 79Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 80Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 81Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 82Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 83Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 84Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 85Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 86Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 217 page
background image
ST7787
V1.7
2008.04.18
82
9.10.4.1 When using 240RGB x 320 resolution
When Vertical Scrolling Definition Parameters (TFA+VSA+BFA)=320. In this case, scrolling is applied as shown below.
1). Example for TFA =3, VSA=315, BFA=2, SSA=4, ML=0: Scrolling
2). Example for TFA =3, VSA=315, BFA=2, SSA=4, ML=1: Scrolling: TFA and BFT are exchanged
240 Columns
240 Columns
Scan
Order
BFA
VSA
TFA
00h 01h ---- ---- ---- ---- ---- EEh EFh
00h
00
01
02
03
0W 0X 0Y
0Z 320
01h
10
11
12
13
1W 1X 1Y
1Z 319
02h
20
21
22
2X 2Y
2Z 318
|
30
31
32
3X 3Y
3Z
|
|
40
41
42
4X 4Y
4Z
|
|
50
51
5Y
5Z
|
|
60
6Z
|
|
|
|
|
|
|
|
|
|
S0
SZ
|
|
U0 U1
UY UZ
|
|
V0 V1 V2
VX VY VZ
|
|
W0 W1 W2
WX WY WZ
|
13Dh X0 X1 X2
XX XY XZ
3
13Eh Y0 Y1 Y2 Y3
YW YX YY YZ
2
13Fh Z0 Z1 Z2 Z3
ZW ZX ZY ZZ
1
240 x 320 x18 bit
Fram e RAM
SSA
00 01 02 03
0W 0X 0Y 0Z
G1
10 11 12 13
1W 1X 1Y 1Z
G2
W 0 W 1 W 2
W X W Y W Z G3
20 21 22
2X 2Y 2Z
|
30 31 32
3X 3Y 3Z
|
40 41 42
4X 4Y 4Z
|
50 51
5Y 5Z
|
60
6Z
|
|
|
|
|
S0
SZ
|
U0 U1
UY UZ
|
V 0 V 1 V 2
V X V Y V Z
|
X0 X1 X2
XX XY XZ G318
Y0 Y1 Y2 Y3
YW YX YY YZ G319
Z0 Z1 Z2 Z3
ZW ZX ZY ZZ G320
240 R G B x 320
240 R G B x 320
240 R G B x 320
240 R G B x 320
LCD Panel
LCD Panel
LCD Panel
LCD Panel
240 Columns
240 Columns
Scan
Order
TFA
VSA
BFA
00h 01h ---- ---- ---- ---- ---- EEh EFh
00h
00
01
02
03
0W 0X 0Y
0Z
1
01h
10
11
12
13
1W 1X 1Y
1Z
2
02h
20
21
22
2X 2Y
2Z
3
|
30
31
32
3X 3Y
3Z
|
|
40
41
42
4X 4Y
4Z
|
|
50
51
5Y
5Z
|
|
60
6Z
|
|
|
|
|
|
|
|
|
|
S0
SZ
|
|
U0
U1
UY UZ
|
|
V0 V1 V2
VX VY VZ
|
|
W0 W1 W2
WX WY WZ
|
13Dh X0
X1 X2
XX XY XZ 318
13Eh Y0 Y1 Y2 Y3
YW YX YY YZ 319
13Fh Z0
Z1 Z2 Z3
ZW ZX ZY ZZ 320
240 x 320 x18 bit
Fram e RAM
00 01 02 03
0W 0X 0Y 0Z
G1
10 11 12 13
1W 1X 1Y 1Z
G2
20 21 22
2X 2Y 2Z
G3
40 41 42
4X 4Y 4Z
|
50 51
5Y 5Z
|
60
6Z
|
|
|
|
|
S0
SZ
|
U0 U1
UY UZ
|
V 0 V 1 V 2
V X V Y V Z
|
W 0 W 1 W2
W X W Y WZ
|
X 0 X1 X 2
X X XY X Z
|
30 31 32
3X 3Y 3Z G318
Y 0 Y1 Y 2 Y3
YW Y X YY Y Z G319
Z 0 Z1 Z 2 Z3
ZW Z X ZY Z Z G320
240 R G B x 320
240 R G B x 320
240 R G B x 320
240 R G B x 320
LCD Panel
LCD Panel
LCD Panel
LCD Panel
SSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com