Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 80 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 80 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 77Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 78Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 79Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 80Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 81Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 82Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 83Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 84Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 217 page
background image
ST7787
V1.7
2008.04.18
80
9.10.3 Normal Display On or Partial Mode On, Vertical Scroll Off
9.10.3.4 When using 240RGB x 320 resolution
In this mode, contents of the frame memory within an area where column pointer is 00h to EFh and page pointer is 00h to
13Fh is displayed.
To display a dot on leftmost top corner, store the dot data at (column pointer, row pointer) = (0, 0).
1). Example for Normal Display On (MX=MY=ML=’0’ ,SMX=SMY=’0’)
2). Example for Partial Display On (PSL[7:0]=04h,PEL[7:0]=13Bh, MX=MV=ML=’0’ ,SMX=SMY=’0’)
240 Columns
00h 01h ---- ---- ---- ---- ---- EEh EFh
00h 00
01
02
03
0W 0X 0Y
0Z
1
01h 10
11
12
13
1W 1X 1Y
1Z
2
02h 20
21
22
2X 2Y
2Z
3
|
30
31
32
3X 3Y
3Z
|
|
40
41
42
4X 4Y
4Z
|
|
50
51
5Y
5Z
|
|
60
6Z
|
|
|
|
|
|
|
|
|
|
S0
SZ
|
|
U0 U1
UY UZ
|
|
V0 V1 V2
VX VY VZ
|
|
W0 W1 W2
WX WY WZ
|
13Dh X0 X1 X2
XX XY XZ 318
13Eh Y0 Y1 Y2 Y3
YW YX YY YZ 319
13Fh Z0 Z1 Z2 Z3
ZW ZX ZY ZZ 320
240 x 320 x18 bit
Fram e RAM
240 Columns
Scan
Order
00
01
02
03
0W 0X 0Y
0Z
G1
10
11
12
13
1W 1X 1Y
1Z
G2
20
21
22
2X 2Y
2Z
G3
30
31
32
3X 3Y
3Z
|
40
41
42
4X 4Y
4Z
|
50
51
5Y
5Z
|
60
6Z
|
|
|
|
|
S0
SZ
|
U0
U1
UY UZ
|
V0 V1 V2
VX VY VZ
|
W0 W1 W2
WX WY WZ
|
X0
X1
X2
XX XY XZ G318
Y0 Y1 Y2 Y3
YW YX YY YZ G319
Z0
Z1
Z2
Z3
ZW ZX ZY ZZ G320
240 RGB x 320
LCD Panel
Non-Display
area =4 lines
Display area
=312 lines
Non-Display
area =4lines
240 Columns
00h 01h ---- ---- ---- ---- ---- EEh EFh
00h 00
01
02
03
0W 0X 0Y
0Z
1
01h 10
11
12
13
1W 1X 1Y
1Z
2
02h 20
21
22
2X 2Y
2Z
3
|
30
31
32
3X 3Y
3Z
|
|
40
41
42
4X 4Y
4Z
|
|
50
51
5Y
5Z
|
|
60
6Z
|
|
|
|
|
|
|
|
|
|
S0
SZ
|
|
U0 U1
UY UZ
|
|
V0 V1 V2
VX VY VZ
|
|
W0 W1 W2
WX WY WZ
|
13Dh X0 X1 X2
XX XY XZ 318
13Eh Y0 Y1 Y2 Y3
YW YX YY YZ 319
13Fh Z0 Z1 Z2 Z3
ZW ZX ZY ZZ 320
240 x 320 x18 bit
Fram e RAM
240 Columns
Scan
Order
00 01 02 03
0W 0X 0Y 0Z
G1
10 11 12 13
1W 1X 1Y 1Z
G2
20 21 22
2X 2Y 2Z
G3
30 31 32
3X 3Y 3Z
|
40 41 42
4X 4Y 4Z
|
50 51
5Y 5Z
|
60
6Z
|
|
|
|
|
S0
SZ
|
U0 U1
UY UZ
|
V 0 V 1 V 2
V X V Y V Z
|
W 0 W 1 W 2
W X WY WZ
|
X0 X1 X2
XX XY XZ G318
Y0 Y1 Y2 Y3
YW YX YY YZ G319
Z0 Z1 Z2 Z3
ZW ZX ZY ZZ G320
240 R G B x 320
240 R G B x 320
240 R G B x 320
240 R G B x 320
LCD Panel
LCD Panel
LCD Panel
LCD Panel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com