Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 29 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 29 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 217 page
background image
ST7787
V1.7
2008.04.18
29
7.6 Power consumption
Current consumption
Typical
Maximum
Operation mode
Inversion
mode
Image
IDDI
(uA)
IDD
(mA)
IDDI
(uA)
IDD
(mA)
One Line
Note 1
1
2.6
1
3.0
-Normal mode
One Line
Note 2
1
2.5
1
2.8
-Partial + Idle mode (40 lines)
One Line
Note 3,4
1
0.65
1
0.8
-Sleep-in mode
N/A
N/A
1
9uA
1
9uA
Notes:
1. All pixels black.
2. Grayscale from top to bottom.
3. Black & white checker board 8 by 8
4. Absolute worst case patterns: all pixels black.
Typical case:
TA = 25 ℃
VDD = 2.78 V
VDDI = 1.80 V
Worst Case:
TA = -30 to 70℃
VDD = 2.45 V to 3.3 V
VDDI = 1.65 V to 3.3 V
Includes process variance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com