Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 40 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 40 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 217 page
background image
ST7787
V1.7
2008.04.18
36
9.4 Serial interface
The selection of this interface is done by IM2. See the Table 9.4.1.
Table 9.4.1 Serial Interface Type Selection
P68
IM2
IM1
IM0
Interface
Read back selection
‘-’
0
‘-’
‘-’
3-line Serial interface
Via the read instruction (8-bit, 24-bit and 32-bit read parameter)
The serial interface is a 3-lines/ 9-bits bi-directional interface for communication between the micro controller and the LCD
driver chip. The 3-lines serial use: CSX (chip enable), SCL (serial clock) and SDA (serial data input/output) Serial clock
(SCL) is used for interface with MCU only, so it can be stopped when no communication is necessary.
9.4.1 Command Write Mode
The write mode of the interface means the micro controller writes commands and data to the LCD driver. 3-lines serial data
packet contains a control bit D/CX and a transmission byte is transfrerred by the D/CX pin.
If D/CX is “low”, the
transmission byte is interpreted as a command byte. If D/CX is “high”, the transmission byte is stored in the display data
RAM (Memory write command), or command register as parameter.
Any instruction can be sent in any order to the DRIVER. The MSB is transmitted first. The serial interface is initialized when
CSX is high. In this state, SCL clock pulse or SDA data have no effect. A falling edge on CSX enables the serial interface
and indicates the start of data transmission.
Fig. 9.4.1 Serial interface data Stream format
When CSX is “high”, SCL clock is ignored. During the high time of CSX the serial interface is initialized. At the falling edge
of CSX, SCL can be high or low (see Fig 6.1.1.2). SDA is sampled at the rising edge of CSX. D/CX indicates, whether the
byte is command code (D/CX=’0’) or parameter/RAM data (D/CX=’1’). It is sampled when first rising edge of SCL (3-lines
serial interface) . If CSX stays low after the last bit of command/data byte, the serial interface expects the D/CX bit (3-lines
serial interface) at the next rising edge of SCL.
Fig. 9.4.2 3-line serial interface write protocol (write to register with control bit in transmission)
D/CXD7 D6 D5 D4 D3 D2 D1 D0
D/CXD7 D6 D5 D4 D3 D2 D1 D0 D/CXD7 D6 D5 D4 D3 D2 D1 D0 D/CXD7 D6 D5 D4 D3 D2 D1 D0
MSB
LSB
Transmission byte (TB) may be a Command or a Data
3-Line Serial Data Stream Format
TB
TB
TB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com