Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 60 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 60 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 217 page
background image
ST7787
V1.7
2008.04.18
56
9.9 RGB interface
9.9.1 General Description
The module uses 6, 16 and 18-bit parallel RGB interface which includes: VS, HS, DE, PCLK, D[17:0]. The interface is
activated after Power On sequence (See section Power On/Off Sequence)
Pixel clock (PCLK) is running all the time without stopping and it is used to entering VS, HS, DE and D[17:0] states when
there is a rising edge of the PCLK. The PCLK cannot be used as continues internal clock for other functions of the display
module e.g. Sleep In –mode etc.
Vertical synchronization (VS) is used to tell when there is received a new frame of the display. This is negative (‘0’, low)
active and its state is read to the display module by a rising edge of he PCLK signal.
Horizontal synchronization (HS) is used to tell when there is received a new line of the frame. This is negative (‘0’, low)
active and its state is read to the display module by a rising edge of the PCLK signal.
Data Enable (DE) is used to tell when there is received a RGB information that should be transferred on the display. This is
a positive (‘1’, high) active and its state is read to the display module by a rising edge of the PCLK signal.
D[17:0] (18-bit: R5-R0, G5-G0 and B5-B0; 16-bit: R4-R0, G5-G0 and B4-B0) are used to tell what is the information of the
image that is transferred on the display (When DE=’1’ and there is a rising edge of PCLK). D[17:0] can be ‘0’ (low) or ‘1’
(high). These lines are read by a rising edge of the PCLK signal.
The PCLK cycle is described in the following figure.
Note: PCLK is an unsynchronized signal (It can be stopped).
PCLK
VS, HS, DE
D[17:0]
The host changes D[17:0],
VS,HS and DE lines when
there is a falling edge of the
PCLK
The driver read the D[17:0],
VS,HS and DE lines when
there is a rising edge of the
PCLK
Fig. 9.9.1 PCLK cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com