Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 20 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 20 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 217 page
background image
ST7787
V1.7
2008.04.18
20
PAD No.
PIN Name
X
Y
PAD No.
PIN Name
X
Y
1281
C23P
5840
-450.28
1321
VCOM
8620
-450.28
1282
C23P
5905
-450.28
1322
VCOM
8685
-450.28
1283
C23P
5970
-450.28
1323
VCOM
8750
-450.28
1284
C23N
6050
-450.28
1324
VCOM
8815
-450.28
1285
C23N
6115
-450.28
1325
VCOM
8880
-450.28
1286
C23N
6180
-450.28
1326
VCOM
8945
-450.28
1287
C23N
6245
-450.28
1327
VCOM
9010
-450.28
1288
DUMMY
6325
-450.28
1328
DUMMY
9090
-450.28
1289
DUMMY
6405
-450.28
1329
DUMMY
9170
-450.28
1290
VGL
6485
-450.28
1330
VPP
9250
-450.28
1291
VGL
6550
-450.28
1331
VPP
9315
-450.28
1292
VGL
6615
-450.28
1332
VPP
9380
-450.28
1293
VGL
6680
-450.28
1333
VPP
9445
-450.28
1294
VGLS
6745
-450.28
1334
DUMMY
9525
-450.28
1295
DUMMY
6825
-450.28
1335
DUMMY
9605
-450.28
1296
DUMMY
6905
-450.28
1297
VGH
6985
-450.28
1298
VGH
7050
-450.28
1299
VGHO
7115
-450.28
1300
VGHO
7180
-450.28
1301
VGHS
7245
-450.28
1302
DUMMY
7325
-450.28
1303
DUMMY
7405
-450.28
1304
VCOMH
7485
-450.28
1305
VCOMH
7550
-450.28
1306
VCOMH
7615
-450.28
1307
VCOMH
7680
-450.28
1308
VCOMH
7745
-450.28
1309
VCOMH
7810
-450.28
1310
VCOMH
7875
-450.28
1311
VCOMH
7940
-450.28
1312
VCOML
8020
-450.28
1313
VCOML
8085
-450.28
1314
VCOML
8150
-450.28
1315
VCOML
8215
-450.28
1316
VCOML
8280
-450.28
1317
VCOML
8345
-450.28
1318
VCOML
8410
-450.28
1319
VCOML
8475
-450.28
1320
VCOM
8555
-450.28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com