Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 18 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 18 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 217 page
background image
ST7787
V1.7
2008.04.18
18
PAD No.
PIN Name
X
Y
PAD No.
PIN Name
X
Y
1121
DUMMY
-5505
-450.28
1161
DGND
-2380
-450.28
1122
TEST_EN
-5425
-450.28
1162
DGND
-2315
-450.28
1123
D7
-5345
-450.28
1163
DGND
-2250
-450.28
1124
D6
-5265
-450.28
1164
VDDI
-2170
-450.28
1125
D5
-5185
-450.28
1165
VDDI
-2105
-450.28
1126
D4
-5105
-450.28
1166
VDDI
-2040
-450.28
1127
D3
-5025
-450.28
1167
VDDI
-1975
-450.28
1128
D2
-4945
-450.28
1168
VREF
-1895
-450.28
1129
D1
-4865
-450.28
1169
VREF
-1830
-450.28
1130
D0
-4785
-450.28
1170
VREF
-1765
-450.28
1131
TPO0
-4705
-450.28
1171
REGP
-1685
-450.28
1132
TPO1
-4625
-450.28
1172
REGPT
-1605
-450.28
1133
TPO2
-4545
-450.28
1173
VCC
-1525
-450.28
1134
TPO3
-4465
-450.28
1174
VCC
-1460
-450.28
1135
TPO4
-4385
-450.28
1175
VCC
-1395
-450.28
1136
TPO5
-4305
-450.28
1176
VCC
-1330
-450.28
1137
TPO6
-4225
-450.28
1177
VCC
-1265
-450.28
1138
TPO7
-4145
-450.28
1178
VCC
-1200
-450.28
1139
OSC
-4065
-450.28
1179
DUMMY
-1120
-450.28
1140
TE
-3985
-450.28
1180
DUMMY
-1040
-450.28
1141
CSX
-3905
-450.28
1181
VCI1
-960
-450.28
1142
RDX
-3825
-450.28
1182
VCI1
-895
-450.28
1143
WRX
-3745
-450.28
1183
VCI1
-830
-450.28
1144
SDA
-3665
-450.28
1184
VCI1
-765
-450.28
1145
DUMMY
-3585
-450.28
1185
AGND
-685
-450.28
1146
AUTO
-3505
-450.28
1186
AGND
-620
-450.28
1147
RESX
-3425
-450.28
1187
AGND
-555
-450.28
1148
DGND
-3345
-450.28
1188
AGND
-490
-450.28
1149
D/CX
-3265
-450.28
1189
AGND
-425
-450.28
1150
DGND
-3185
-450.28
1190
AGND
-360
-450.28
1151
PCLK
-3105
-450.28
1191
AGND
-295
-450.28
1152
DGND
-3025
-450.28
1192
AGND
-230
-450.28
1153
DE
-2945
-450.28
1193
VDD
-150
-450.28
1154
HS
-2865
-450.28
1194
VDD
-85
-450.28
1155
VS
-2785
-450.28
1195
VDD
-20
-450.28
1156
DGND
-2705
-450.28
1196
VDD
45
-450.28
1157
DGND
-2640
-450.28
1197
VDD
110
-450.28
1158
DGND
-2575
-450.28
1198
VDD
175
-450.28
1159
DGND
-2510
-450.28
1199
VDD
240
-450.28
1160
DGND
-2445
-450.28
1200
VDD
305
-450.28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com