Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 28 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 28 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 217 page
background image
ST7787
V1.7
2008.04.18
28
Output offset voltage
VOFSET
35
mv
Note 6
Step-up circuit
Internal reference
voltage
VREF
%
Note 3
1st step-up (VDDx2)
voltage
AVDD
4.95
6.0
V
Note 3
1st step-up (VDDx2) drop
voltage
VDDx2,dorp
I AVDD = 2.5mA
(include panel
loading)
4%
%
Note 3
Linear range
VLinear
0.2
AVDD-0.2
V
Note 1: VDDI=1.65 to 3.3V, VDD=2.45 to 3.3V, AGND=DGND=0V, Ta=-30 to 70 ℃
Note 2, 3, 4: When the measurements are performed with LCD module, measured points are like below.
Note 3: P68, CSX, RDX, WRX, D[17:0], D/CX, RESX, TE, PCLK, VS, HS, EXTC, GS, IDM, SCL, LCM[1:0], RCM[1:0],
IM[2:0], SRGB, SMX, SMY, REV, SHUT, RL, TB and Test pins
Note 5, Source channel loading= 2.2kohm , 10pF/channel, Gate channel loading=0.8kohm , 50pF/channel.
Note 6, The Max. value is between measured point of note 4 and gamma setting value.
Fig. 7.5.1 Example of measured point on the panel
Fig. 7.5.2 Tr: the source output stabling time.
Fig. 7.5.3 Source output deviation (channel to channel).
-When Sout >=4.2V, Sout<=0.8V
Max (S1, S2, S3, …. , S720) – Min (S1, S2, S3, …. , S720) <= 20mV
-When 4.2V>Sout>0.8V
Max (S1, S2, S3, …. , S720) – Min (S1, S2, S3, …. , S720) <= 6mV
-Example
When Sout level is 3.95V (Gray scale voltage)
Max (S1, S2, S3, …. , S720) = 3.96V
Min (S1, S2, S3, … , S720) = 3.944V
Sout deviation =Max (S1, S2, S3, …. , S720) – Min (S1, S2, S3, …. , S720) = 10mV <- Out of Spec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com