Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 19 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 19 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 217 page
background image
ST7787
V1.7
2008.04.18
19
PAD No.
PIN Name
X
Y
PAD No.
PIN Name
X
Y
1201
VDD
370
-450.28
1241
C12N
3075
-450.28
1202
VDD
435
-450.28
1242
C12N
3140
-450.28
1203
AVDD
515
-450.28
1243
C12N
3205
-450.28
1204
AVDD
580
-450.28
1244
C12N
3270
-450.28
1205
AVDD
645
-450.28
1245
C12N
3335
-450.28
1206
AVDD
710
-450.28
1246
DUMMY
3415
-450.28
1207
AVDD
775
-450.28
1247
DUMMY
3495
-450.28
1208
AVDD
840
-450.28
1248
AGND
3575
-450.28
1209
AVDD
905
-450.28
1249
AGND
3640
-450.28
1210
AVDDO
970
-450.28
1250
AGND
3705
-450.28
1211
AVDDO
1035
-450.28
1251
AGND
3770
-450.28
1212
AVDDS
1100
-450.28
1252
AGND
3835
-450.28
1213
C1SO
1180
-450.28
1253
AGND
3900
-450.28
1214
C1SO
1245
-450.28
1254
AGND
3965
-450.28
1215
VC1S
1310
-450.28
1255
AGND
4030
-450.28
1216
VC1S
1375
-450.28
1256
DUMMY
4110
-450.28
1217
VC1S
1440
-450.28
1257
DUMMY
4190
-450.28
1218
VC1S
1505
-450.28
1258
VCL
4270
-450.28
1219
GVDD
1585
-450.28
1259
VCL
4335
-450.28
1220
GVDD
1650
-450.28
1260
VCL
4400
-450.28
1221
GVDD
1715
-450.28
1261
VCLO
4465
-450.28
1222
C11P
1795
-450.28
1262
VCLO
4530
-450.28
1223
C11P
1860
-450.28
1263
VCLS
4595
-450.28
1224
C11P
1925
-450.28
1264
C21P
4675
-450.28
1225
C11P
1990
-450.28
1265
C21P
4740
-450.28
1226
C11P
2055
-450.28
1266
C21P
4805
-450.28
1227
C11P
2120
-450.28
1267
C21P
4870
-450.28
1228
C11N
2200
-450.28
1268
C21N
4950
-450.28
1229
C11N
2265
-450.28
1269
C21N
5015
-450.28
1230
C11N
2330
-450.28
1270
C21N
5080
-450.28
1231
C11N
2395
-450.28
1271
C21N
5145
-450.28
1232
C11N
2460
-450.28
1272
C22P
5225
-450.28
1233
C11N
2525
-450.28
1273
C22P
5290
-450.28
1234
C12P
2605
-450.28
1274
C22P
5355
-450.28
1235
C12P
2670
-450.28
1275
C22P
5420
-450.28
1236
C12P
2735
-450.28
1276
C22N
5500
-450.28
1237
C12P
2800
-450.28
1277
C22N
5565
-450.28
1238
C12P
2865
-450.28
1278
C22N
5630
-450.28
1239
C12P
2930
-450.28
1279
C22N
5695
-450.28
1240
C12N
3010
-450.28
1280
C23P
5775
-450.28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com