Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 25 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 25 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 217 page
background image
ST7787
V1.7
2008.04.18
25
1
G320 -> G1
-Please refer chapter 14 for detail using
REV
I
-Polarity of source output selection pin
REV
Polarity of source output
0
Data not reverse
1
Data reverse
-Please refer RGB interface for detail using
-If not used, please fix this pin at VDDI or DGND
1
VDDI/GND
SHUT
I
-Display On/Off control pin In RGB interface
SHUT
Display On/Off
0
Display On
1
Display Off
-Please refer RGB interface for detail using
-If not used, please fix this pin at VDDI or DGND
1
VDDI/GND
RL
I
-Scanning direction of source output selection pin in RGB interface
RL
SMX
Scanning direction of source output
0
0
S1 -> S720
0
1
S720 -> S1
1
0
S720 -> S1
1
1
S1 -> S720
-Please refer RGB interface for detail using
-If not used, please fix this pin at VDDI or DGND level
1
VDDI/GND
TB
I
-Scanning direction of gate output selection pin in RGB interface
TB
SMY
Scanning direction of gate output
0
0
G1 -> G320
0
1
G320 -> G1
1
0
G320 -> G1
1
1
G1 -> G320
-Please refer RGB interface for detail using
-If not used, please fix this pin at VDDI or DGND
1
VDDI/GND
AUTO
I
-Enable/disable the automatic power-on sequence
AUTO
Automatic power-on sequence enable/disable
0
Reserved
1
Enable (auto mode)
1
VDDI
TEST_EN
I
-Enable/disable the test mode
TEST_EN
Test mode enable/disable
0
Disable
1
Enable
1
VDDI/GND
6.4 Driver output pin
Name
I/O
Description
Count
Connect pin
S1 to
S720
O
-Source driver output pins
720
-
G1 to
G320
O
-Gate driver output pins
320
-
VCI1
I/O
-A reference voltage for step-up circuit 1
-Connect a capacitor for stabilization.
4
Capacitor
AVDD
I
-Power input pin for analog circuit block
-In normal usage, connect it to AVDD
7
Capacitor
AVDDO
O
-A power output pin that the voltage is generated from power block
-Output of booster 1 circuit
-Connect a capacitor for stabilization.
2
AVDD
AVDDS
I
- A reference voltage for step-up circuit 2
1
AVDD
VC1S
I
- A reference voltage for analog circuit including gamma, source and
gate
4
Capacitor
C1SO
O
- Output of regulator in 2x boost system
2
C1S
VCL
I
-Power input pin for VCOM circuit
-In normal usage, connect it to VCL
3
Capacitor
VCLO
O
-A power output pin of step-up circuit 4
-When VCOML is higher than AGND, VCL=AGND
-Connect a capacitor for stabilization
2
VCL
VCLS
I
- A reference voltage for step-up circuit 2
1
VCL
VGH
I
-Power input pin for gate driver circuit
-In normal usage, connect it to VGH
2
VGH
VGHO
O
-Positive output pin of the step-up circuit 2
2
Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com