Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 37 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 37 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 217 page
background image
ST7787
V1.7
2008.04.18
37
9.3 6800-Series Parallel Interface (P68=’1’)
The MCU uses a 11-lines 8-data parallel interface or 12-lines 9-data parallel interface or 19-lines 16-data parallel interface
or 21-lines 18-data parallel interface. The chip-select CSX(active low) enables and disables the parallel interface. RESX
(active low) is an external reset signal. The R/WX is the Read/Write flag and D[17:0] is parallel data.
The Graphics Controller Chip reads the data at the falling edge of E signal when R/WX= ‘1’ and Writes the data at the falling
of the E signal when R/WX=’0’. The D/CX is the data/command flag. When D/CX=’1’, D[17:0] bits are display RAM data or
command parameters. When D/C= ‘0’, D[17:0] bits are commands.
The 6800-series bi-directional interface can be used for communication between the micro controller and LCD driver chip.
The selection of this interface is done when P68 pin is high state (VDDI). Interface bus width can be selected with IM2, IM1
and IM0.
The interface functions of 6800-series parallel interface are given in Table 9.3.1.
Table 9.3.1 The function of 6800-series parallel interface
P68 IM2 IM1 IM0
Interface
D/CX R/WX
E
Function
0
0
↓
Write 8-bit command (D7 to D0)
1
0
↓
Write 8-bit display data or 8-bit parameter (D7 to D0)
1
1
↓
Read 8-bit Display data (D7 to D0)
1
1
0
0
8-bit Parallel
1
1
↓
Read 8-bit parameter or status (D7 to D0)
0
0
↓
Write 8-bit command (D7 to D0)
1
0
↓
Write 16-bit display data or 8-bit parameter (D15 to D0)
1
1
↓
Read 16-bit Display data (D15 to D0)
1
1
0
1
16-bit Parallel
1
1
↓
Read 8-bit parameter or status (D7 to D0)
0
0
↓
Write 8-bit command (D7 to D0)
1
0
↓
Write 9-bit display data or 8-bit parameter (D8 to D0)
1
1
↓
Read 9-bit Display data (D8 to D0)
1
1
1
0
9-bit Parallel
1
1
↓
Read 8-bit parameter or status (D7 to D0)
0
0
↓
Write 8-bit command (D7 to D0)
1
0
↓
Write 18-bit display data or 8-bit parameter (D17 to D0)
1
1
↓
Read 18-bit Display data (D17 to D0)
1
1
1
1
18-bit Parallel
1
1
↓
Read 8-bit parameter or status (D7 to D0)
Note: applied for command code: DAh, DBh, DCh, 04h, 09h, 0Ah, 0Bh, 0Ch, 0Dh, 0Eh, 0Fh.
9.3.1 Write cycle sequence
The write cycle means that the host writes information (command or/and data) to the display via the interface. Each write
cycle (E low-high-low sequence) consists of 3 control (D/CX, E, R/WX) and data signals (D[17:0]). D/CX bit is a control
signal, which tells if the data is a command or a data. The data signals are the command if the control signal is low (=’0’)
and vice versa it is data (=’1’).
Fig. 9.3.1 6800-Series Write Protocol
Note: E is an unsynchronized signal (It can be stopped)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com