Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 79 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 79 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 77Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 78Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 79Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 80Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 81Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 82Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 83Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 217 page
background image
ST7787
V1.7
2008.04.18
79
9.10.2 Memory to Display Address Mapping
9.10.2.1 When using 240RGB x 320 resolution (SMX=SMY=SRGB=’0’)
--------
Gate Out
S1
S2
S3
S4
S5
S6 -------- S715 S716 S717 S718 S719 S720
MY=' 0 ' MY=' 1 '
ML=' 0 ' ML=' 1 '
1
0
319
R0
G0
B0
R1
G1
B1 -------- R238 G238 B238 R239 G239 B239
0
319
2
1
318
--------
1
318
3
2
317
--------
2
317
4
3
316
--------
3
316
5
4
315
--------
4
315
6
5
314
--------
5
314
7
6
313
--------
6
313
8
7
312
--------
7
312
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
313
312
7
--------
312
7
314
313
6
--------
313
6
315
314
5
--------
314
5
316
315
4
--------
315
4
317
316
3
--------
316
3
318
317
2
--------
317
2
319
318
1
--------
318
1
320
319
0
--------
319
0
MX=' 0 '
--------
MX=' 1 '
--------
Pixel 1
Pixel 2
Pixel 239
Pixel 240
Source Out
RGB
Order
RA
SA
CA
0
1
238
239
239
238
1
0
Note
RA = Row Address,
CA = Column Address
SA = Scan Address
MX = Mirror X-axis (Column address direction parameter), D6 parameter of MADCTL command
MY = Mirror Y-axis (Row address direction parameter), D7 parameter of MADCTL command
MV =Scan direction parameter, D4 parameter of MADCTL command
RGB = Red, Green and Blue pixel position change, D3 parameter of MADCTL command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com